Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV802 Datasheet(PDF) 24 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 20Page - Analog Devices ADAV802_15 Datasheet HTML 21Page - Analog Devices ADAV802_15 Datasheet HTML 22Page - Analog Devices ADAV802_15 Datasheet HTML 23Page - Analog Devices ADAV802_15 Datasheet HTML 24Page - Analog Devices ADAV802_15 Datasheet HTML 25Page - Analog Devices ADAV802_15 Datasheet HTML 26Page - Analog Devices ADAV802_15 Datasheet HTML 27Page - Analog Devices ADAV802_15 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 24 of 53
Table 23. Transmitter User Bit Buffer Configurations
TxBCONF2-
1
Transmitter User Bit Buffer Configuration
Bit2
Bit1
0
0
Zeros are transmitted for the User bits
0
1
Host writes User bits to the buffer until it is full
1
0
Write the user bits to the buffer in IUs specified by
IEC60958-3 and transmit them according to the
standard
1
1
The first 10 bytes of the user bit buffer is
configured to store a Q subcode
Table 24. Transmitter User Bit Buffer Size
TxBCONF0
Buffer Size
0
384 bits with Preamble Z as the start of the block
1
768 bits with Preamble Z as the start of the block
The transmit buffers can notify the host or micro-controller
when the first user bit buffer has been updated and when the
second transmit user bit buffer is full using sticky bits and
interrupts. The sticky bit TxUBINT, is set when the transmit
user buffer has been updated and the second transmit user bit
buffer is ready to accept new user bits. The sticky bit, TxFBINT,
is set whenever the second transmit user bit buffer is full and
any new writes to this buffer will be ignored until the first
transmit buffer is updated. These two bits are located in the
Interrupt Status register. When the host reads the Interrupt
Status register these bits will be cleared. Interrupts for the
TxUBINT and TxFBINT sticky bits can be enabled by setting
the TxUBMASK and TxFBMASK bits respectively in the
Interrupt Status Mask register.
0.....7
USER BIT
BUFFER
8.....15
16.....23
TRANSMITTERUSERBIT
INDIRECT ADDRESS
REGISTER
TRANSMITTER USER BIT
DATA REGISTER
ADDRESS = 0x52
ADDRESS = 0x53
0.....7
SECOND
BUFFER
8.....15
16.....23
SPDIF OUT
Figure 32.Transmitter User Bit Buffer
Autobuffering
The ADAV802 SPDIF receiver and transmitter sections have an
autobuffering mode allowing the Channel Status and User bits
to be copied automatically from the receiver to the transmitter
without user intervention. The Channel Status and User bits can
be independently selected for autobuffering using the
Auto_CSBits and Auto_UBits bits in Autobuffer register
respectively. When the receiver and transmitter are running at
the same sample rate the transmitted Channel Status and User
bits will be the same as the received Channel Status and User
bits. However in many systems it is likely that the receiver and
transmitter will not be running at the same frequency. When
the transmitter sample rate is higher than receiver sample rate,
the Channel Status and User bit block may be repeated
sometimes. When the transmitter sample rate is lower than the
receiver sample rate, the Channel Status and User bit blocks
may be dropped. Since the first 5 bytes of the Channel Status
are, typically, constant the can be repeated or dropped and no
information is lost. However, if the PRO bit in the channel
status is set and the local sample address code and time of day
code bytes contain information, these bytes may be repeated or
dropped in which case information can be lost. It is up to the
user to determine how to handle this case. In the case of the
user bits being transmitted according to the IEC60958-3 format
the messages contained in the user bits can still be sent without
dropping or repeating messages. Since zero-stuffing is allowed
between IUs and messages, zeros can be added or subtracted to
preserve the messages. For the case when the transmitter sample
rate is greater than the receiver sample rate extra zeros are
stuffed between the messages. When the sample rate of the
transmitter is less than the sample rate of the receiver, the zeros
stuffed between the messages will be subtracted. If there is not
enough zeros between the messages to be subtracted, the zeros
between IUs will be subtracted as well. The Zero_Stuff_IU bit in
the Autobuffer register enables zeros to be added or subtracted
between messages.
Interrupts
The ADAV802 provides interrupt bits to indicate the presence
of certain conditions which may require attention. Reading the
Interrupt Status register will allow the user to determine if any
of the interrupts have be asserted. The bits of the Interrupt
Status register will remain high, if set, until the register is read.
Two bits, SRCError and RxError indicate interrupt conditions
in the sample rate converter and an SPDIF receiver error
respectively. Both of these condition require a read of the
appropriate error register to determine the exact cause of the
interrupt. Each interrupt in the Interrupt Status register has an
associated mask bit in the Interrupt Status Mask register. The
interrupt mask bit must be set for the corresponding interrupt
to be generated. This feature allows the user to determine which
functions should be responded to. The dual function pin
ZEROL/INT can be set to indicate the presence of no audio
data on the left channel or the presence of an interrupt being set
in the Interrupt Status register. The function of this pin is
selected by the INTRPT bit in DAC Control Register 4 as shown
in Table 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com