Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV802 Datasheet(PDF) 13 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 9Page - Analog Devices ADAV802_15 Datasheet HTML 10Page - Analog Devices ADAV802_15 Datasheet HTML 11Page - Analog Devices ADAV802_15 Datasheet HTML 12Page - Analog Devices ADAV802_15 Datasheet HTML 13Page - Analog Devices ADAV802_15 Datasheet HTML 14Page - Analog Devices ADAV802_15 Datasheet HTML 15Page - Analog Devices ADAV802_15 Datasheet HTML 16Page - Analog Devices ADAV802_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 13 of 53
Selecting A Sample Rate
The sample rate of the ADC is always 256 × fS. To facilitate
different MCLKs the ADC block has a programmable divider
which allows the MCLK to be divided by 1, 2 or 3 before being
applied to the ADC. This allows for MCLKs of 256 × fS , 512 × fS
or 768 × fS to be applied to the ADC. To synchronize the data
output port with the ADC the same divider setting should be
applied to the Internal Clock (ICLK1 or ICLK2) which is
controlling the output port. The Internal Clock dividers are
shown in Figure 34. By default the ∑∆ modulator runs at ADC
MCLK/2. The modulator is designed to run with a maximum
clock rate of 6.144MHz,. For cases where higher sample rates
would run the modulator at speeds higher than this the user can
select divide the ADC MCLK by 4 before it is applied to the
modulator. To compensate for this the modulator uses an
alternate filter configuration. The divide setting is selected by
the AMC bit in ADC Control Register 1.
Automatic Level Control (ALC)
The ADC record channel features a programmable automatic
level control block. This block monitors the level of the ADC
output signal and will automatically reduce the gain if the signal
at the input pins causes the ADC output to exceed a preset limit.
This function can be useful to maximize the signal dynamic
range when the input level is not well-defined. The PGA can be
used to amplify the unknown signal and the ALC will reduce
the gain until the ADC output is within the preset limits. This
results in maximum front-end gain. Since the ALC block
monitors the output of the ADC the volume control function
should not be used. The ADC volume control scales the results
from the ADC and any distortion caused by the input signal
exceeding the input range of the ADC will still be present at the
output of the ADC but scaled by a value determined by the
volume control register. The ALC block consists of two
functions, Attack Mode and Recovery Mode. The Recovery
Mode consists of three settings, namely, No Recovery, Normal
Recovery and Limited Recovery. Each of these modes in
discussed in detail below. Figure 6 shows an overall flow
diagram of the ALC block.
Attack Mode
When the absolute value of the ADC output exceeds the level
set by the Attack Threshold bits in the ALC Control Register 2,
Attack Mode is initiated. The PGA gain for both channels is
reduced by one step (0.5dB). The ALC will then wait for a time
determined by the Attack Timer bits before sampling the ADC
output value again. If the ADC output is still above the
threshold the PGA gain is reduced by a further step. This
procedure continues until the ADC output is below the limit set
by the Attack Threshold bits. The initial gains of the PGAs are
defined by ADC Left PGA Gain Register and ADC Right PGA
Gain Register and may be different values. The ALC simply
adds or subtracts a common gain offset to these values. The
ALC will preserve any gain difference in dB as defined by those
registers. At no time will the PGA gains exceed their initial
values. Therefore, the initial gain setting also serves as a
maximum value.
The Limit Detection Mode bit in ALC Control Register 1
determines how the ALC should respond to an ADC output
which exceeds the set limits. If this bit is a one then both
channels must exceed the threshold before the gain is reduced.
This mode can be used to prevent unnecessary gain reduction
due to spurious noise on a single channel. If the Limit Detection
Mode bit is a zero the gain will be reduced when either channel
exceeds the threshold.
No Recovery Mode
By default there is no gain recovery. Once the gain has been
reduced it will not be recovered until the ALC has been reset, by
toggling the ALCEN bit in ALC Control Register 1 or by writing
any value to ALC Control Register 3. The latter option is more
efficient as it requires only one write operation to reset the ALC
function. No Recovery Mode prevents volume modulation of
the signal, caused by adjusting the gain, which can create
undesirable artifacts in the signal. Since the gain can be reduced
but not recovered, care should be taken that spurious signals do
not interfere with the input signal as these may trigger a gain
reduction unnecessarily.
Normal Recovery
This mode allows for the PGA gain to be recovered providing
that the input signal meets certain criteria. Firstly, the ALC must
not be in Attack Mode, i.e., the PGA gain has been reduced
sufficiently such that the input signal is below the level set by
the Attack Threshold bits. Secondly, the output result from the
ADC must be below the level set by the Recovery Threshold bits
in ALC Control Register. If both of these criteria are met the
gain is recovered by one step (0.5dB). The gain is incrementally
restored to its original value assuming the ADC output level is
below the Recovery Threshold at intervals determined by the
Recovery Time bits. Should the ADC output level exceed the
Recovery Threshold while the PGA gain is being restored the
PGA gain value will be held and will not continue restoration
until the ADC output level is again below the Recovery
Threshold. Once the PGA gain is restored to its original value it
will not be changed again unless the ADC output value exceeds
the Attack Threshold and the ALC then enters Attack Mode.
Care should be exercised when using this mode to choose
values for the Attack and Recovery thresholds to prevent
excessive volume modulation caused by continuous gain
adjustments.
Limited Recovery
Limited Recovery Mode offers a compromise between No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com