Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV802 Datasheet(PDF) 16 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 12Page - Analog Devices ADAV802_15 Datasheet HTML 13Page - Analog Devices ADAV802_15 Datasheet HTML 14Page - Analog Devices ADAV802_15 Datasheet HTML 15Page - Analog Devices ADAV802_15 Datasheet HTML 16Page - Analog Devices ADAV802_15 Datasheet HTML 17Page - Analog Devices ADAV802_15 Datasheet HTML 18Page - Analog Devices ADAV802_15 Datasheet HTML 19Page - Analog Devices ADAV802_15 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 16 of 53
SRC FUNCTIONAL OVERVIEW
THEORY OF OPERATION
Asynchronous sample rate conversion is converting data from
at the same or different sample rate. The simplest approach to
an asynchronous sample rate conversion is the use of a zero-
order hold between the two samplers shown in Figure 9 In an
asynchronous system, T2 is never equal to T1 nor is the ratio
between T2 and T1 rational. As a result, samples at fS_OUT will
be repeated or dropped producing an error in the re-sampling
process. The frequency domain shows the wide side lobes that
result from this error when the sampling of fS_OUT is
convolved with the attenuated images from the sin(x)/x nature
of the zero-order hold. The images at fS_IN, dc signal images, of
the zero-order holdare infinitely attenuated. Since the ratio of
T2 to T1 is an irrational number, the error resulting from the re-
sampling at fS_OUT can never be eliminated. However, the
error can be significantly reduced through interpolation of the
input data at fS_IN. The sample rate converter in the ADAV802
is conceptually interpolated by a factor of 220.
ZERO-ORDER
HOLD
IN
OUT
fS_IN =1/T1
fS_OUT =1/T2
ORIGINAL SIGNAL
SAMPLED AT fS_IN
SIN(X)/X OF ZER0-ORDER HOLD
SPECTRUM OF ZERO-ORDER HOLD OUTPUT
SPECTRUM OF fS_OUT SAMPLING
2
× fS_OUT
FREQUENCY RESPONSE OF fS_OUT CONVOLVED WITH ZERO-ORDER
HOLD SPECTRUM
fS_OUT
801-0008
Figure 9. Zero Order Hold Being Used by fS OUT to Resample Data from fS_IN
CONCEPTUAL HIGH INTERPOLATION MODEL
Interpolation of the input data by a factor of 220 involves placing
(220 −1) samples between each fS_IN sample. Figure 10 shows
both the time domain and the frequency domain of
interpolation by a factor of 220. Conceptually, interpolation by
220 would involve the steps of zero-stuffing (220 −1) number of
samples between each fS_IN sample and convolving this
interpolated signal with a digital low-pass filter to suppress the
images. In the time domain, it can be seen that fS_OUT selects the
closest fS_IN × 220 sample from the zero-order hold as opposed to
the nearest fS_IN sample in the case of no interpolation. This
significantly reduces the re-sampling error.
IN
OUT
fS_IN
fS_OUT
TIME DOMAIN OF fS_IN SAMPLES
TIME DOMAIN OUTPUT OF THE LOW-PASS FILTER
TIME DOMAIN OF fS_OUT RESAMPLING
TIME DOMAIN OF THE ZERO-ORDER HOLD OUTPUT
INTERPOLATE
BY N
LOW-PASS
FILTER
ZERO-ORDER
HOLD
Figure 10. SRC Time Domain
In the frequency domain shown in Figure 11, the interpolation
expands the frequency axis of the zero-order hold. The images
from the interpolation can be sufficiently attenuated by a good
low-pass filter. The images from the zero-order hold are now
pushed by a factor of 220 closer to the infinite attenuation point
of the zero-order hold, which is fS_IN × 220 The images at the
zero-order hold are the determining factor for the fidelity of the
output at fS_OUT. The worst-case images can be computed from
the zero-order hold frequency response, maximum image = sin
(× F/fS_INTERP)/(× F/fS_INTERP). F is the frequency of the worst-case
image that would be 220 × fS_IN ± fS_IN/2 , and fS_INTERP is fS_IN × 220.
The following worst-case images would appear for fS_IN = 192
kHz:
Image at fS_INTERP − 96 kHz = –125.1 dB
Image at fS_INTERP + 96 kHz = –125.1 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com