Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV802 Datasheet(PDF) 19 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 15Page - Analog Devices ADAV802_15 Datasheet HTML 16Page - Analog Devices ADAV802_15 Datasheet HTML 17Page - Analog Devices ADAV802_15 Datasheet HTML 18Page - Analog Devices ADAV802_15 Datasheet HTML 19Page - Analog Devices ADAV802_15 Datasheet HTML 20Page - Analog Devices ADAV802_15 Datasheet HTML 21Page - Analog Devices ADAV802_15 Datasheet HTML 22Page - Analog Devices ADAV802_15 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 19 of 53
clock source connected directly to XIN. A 54MHz clock can
also be used if the internal clock divider is used. Both PLLs
(PLL1 and PLL2) can be programmed independently and cater
for a range of sampling rates (32/44.1/48 kHz) with selectable
system clock oversampling rates of 256 and 384. Higher
oversampling rates can also be selected by enabling the
doubling of the sampling rate to give 512 or 768 × fS ratios. Note
that this option also allows oversampling ratios of 256 or 384 at
double sample rates of 64/88.2/96 kHz. The PLL outputs can be
routed internally to act as clock sources for the other
component blocks such as the ADC, DAC etc. The outputs of
the PLLs are also available on the three SYSCLK pins. Figure 18
shows how the PLLs can be configured to provide the sampling
clocks.
C
XTAL
C
Figure 15. Crystal Connection
Table 19. PLL Frequency Selection Options
PLL
Sample Rate
MCLK Selection
(fS)
Normal fS
Double fS
1
32/44.1/48 kHz
256/384×fS
512/768×fS
64/88.2/96 kHz
256/384×fS
2A
32/44.1/48 kHz
256/384×fS
512/768×fS
64/88.2/96 kHz
256/384×fS
2B
Same as fS selected
512×fS
for PLL 2A
512×fS
The PLLs require a some external components to operate
correctly. These components, shown in Figure 16 form a loop
filter which integrates the current pulses from a charge pump
and produces a voltage which is used to tune the VCO. Good
quality capacitors, such as PPS film, are recommended .Figure
17 shows a block diagram of the PLL section including master
clock selection. Figure 18 shows how the clock frequencies at
the clock output pins, SYSCLK1-3 and the internal PLL clock
values, PLL1 and PLL2 are selected. The clock nodes, PLL1 and
PLL2, can be used as master clocks for the other blocks in the
ADAV802 such as the DAC or ADC. The PLL has separate
supply and ground pins and these should be as clean as possible
to prevent electrical noise being converted into clock jitter by
coupling onto the loop filter pins.
PLL
BLOCK
PLL_LFx
33nF
732
Ω
1.8nF
AVDD
Figure 16. PLL L
F
PHASE
DETECTOR
&LOOP
FILTER
VCO
N DIVIDER
OUTPUT
SCALER N1
/2
/2
REG: 0x74
BIT 4
REG: 0x74
BIT 5
PHASE
DETECTOR
&LOOP
FILTER
VCO
N DIVIDER
OUTPUT
SCALER N2
OUTPUT
SCALER N3
XIN
XOUT
MCLKI
MCLKO
PLL1
PLL2
PLL_LF1
PLL_LF2
SYSCLK1
SYSCLK2
SYSCLK3
REG: 0x78
BIT 6
REG: 0x78
BIT 7
801-0015
Figure
17. PLL Section Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com