Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV802 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 2Page - Analog Devices ADAV802_15 Datasheet HTML 3Page - Analog Devices ADAV802_15 Datasheet HTML 4Page - Analog Devices ADAV802_15 Datasheet HTML 5Page - Analog Devices ADAV802_15 Datasheet HTML 6Page - Analog Devices ADAV802_15 Datasheet HTML 7Page - Analog Devices ADAV802_15 Datasheet HTML 8Page - Analog Devices ADAV802_15 Datasheet HTML 9Page - Analog Devices ADAV802_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 6 of 53
Table 14. Power
Min
Typ
Max
Unit
Condition
Supplies
Voltage, AVDD
3.0
3.3
3.6
V
Voltage, DVDD
3.0
3.3
3.6
V
Voltage, ODVDD
3.0
3.3
3.6
V
Analog Current
45
mA
All Supplies at 3.6V
Digital Current, DVDD
56
mA
All Supplies at 3.6V
Digital Interface Current, ODVDD
12
mA
All Supplies at 3.6V
Analog Current—Power Down
TBD
µA
RESET Low, No MCLK
Digital Current - Power Down
TBD
µA
RESET Low, No MCLK
Digital Interface Current - Power Down
TBD
µA
RESET Low, No MCLK
Power Supply Rejection
1 kHz 300 mVP-P Signal at Analog Supply Pins
TBD
dB
20 kHz 300 mVP-P Signal at Analog Supply
Pins
TBD
dB
Stopband (>0.55 × FS)—any 300 mVP-P Signal
TBD
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com