Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 33 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE7759_15 Datasheet HTML 28Page - Analog Devices ADE7759_15 Datasheet HTML 29Page - Analog Devices ADE7759_15 Datasheet HTML 30Page - Analog Devices ADE7759_15 Datasheet HTML 31Page - Analog Devices ADE7759_15 Datasheet HTML 32Page - Analog Devices ADE7759_15 Datasheet HTML 33Page - Analog Devices ADE7759_15 Datasheet HTML 34Page - Analog Devices ADE7759_15 Datasheet HTML 35Page - Analog Devices ADE7759_15 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
REV. A
ADE7759
–33–
000
00
00
0
765
4
3210
ADDR: 10H
AEHF
(ACTIVE ENERGY REGISTER HALF FULL)
SAG
(LINE VOLTAGE SAG DETECT)
CYCEND
(END OF LINE CYCLE ENERGY ACCUMULATION)
WSMP
(WAVEFORM SAMPLING)
AEOF
(ACTIVE ENERGY REGISTER OVERFLOW)
NOT USED
TEMP
(TEMPERATURE REGISTER READY)
ZX
(ZERO CROSSING DETECTED)
NOTE: REGISTER CONTENTS SHOW POWER ON DEFAULTS
Figure 50. Interrupt Enable Register
CH1OS Register (08H)
The CH1OS register is an 8-bit, read/write enabled register. The MSB of this register is used to switch on/off the digital integrator in Chan-
nel 1, and Bits 0 to 5 indicate the amount of the offset correction in Channel 1. Table VIII summarizes the function of this register.
Table VIII. CH1OS Register
Bit Location
Bit Mnemonic
Description
0 to 5
OFFSET
The six LSBs of the CH1OS register control the amount of dc offset correction in Channel 1
ADC. The 6-bit offset correction is sign and magnitude coded. Bits 0 to 4 indicate the magnitude
of the offset correction. Bit 5 shows the sign of the offset correction. A 0 in Bit 5 means the offset
correction is positive and a 1 indicates the offset correction is negative.
6
Not Used
This bit is unused.
7
INTEGRATOR
This bit is used to activate the digital integrator on Channel 1. The digital integrator is switched
on by setting this bit. This bit is set to be 1 on default.
100
00
00
0
765
4
3210
ADDR: 08H
CH1OS REGISTER*
SIGN AND MAGNITUDE CODED
OFFSET CORRECTION BITS
DIGITAL INTEGRATOR SELECTION
1 = ENABLE
0 = DISABLE
NOT USED
*REGISTER CONTENTS SHOW POWER-ON DEFAULT
Figure 51. CH1OS Register
010
00
00
0
765
4
3210
ADDR: 04H/RESET: 05H
AEHF
(ACTIVE ENERGY REGISTER HALF FULL)
SAG
(LINE VOLTAGE SAG DETECT)
CYCEND
(LINE CYCLE ENERGY ACCUMULATION END)
WSMP
(WAVEFORM SAMPLING)
AEOF
(ACTIVE ENERGY REGISTER OVERFLOW)
TEMP
(TEMPERATURE REGISTER READY)
ZX
(ZERO CROSSING DETECTED)
RESET
(END OF A HARDWARE OR SOFTWARE RESET)
NOTE: REGISTER CONTENTS SHOW POWER ON DEFAULTS
Figure 49. Interrupt Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com