Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7759_15 Datasheet HTML 18Page - Analog Devices ADE7759_15 Datasheet HTML 19Page - Analog Devices ADE7759_15 Datasheet HTML 20Page - Analog Devices ADE7759_15 Datasheet HTML 21Page - Analog Devices ADE7759_15 Datasheet HTML 22Page - Analog Devices ADE7759_15 Datasheet HTML 23Page - Analog Devices ADE7759_15 Datasheet HTML 24Page - Analog Devices ADE7759_15 Datasheet HTML 25Page - Analog Devices ADE7759_15 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
REV. A
ADE7759
–22–
7F,FFFF,FFFFh
3F,FFFF,FFFFh
00,0000,0000h
40,0000,0000
80,0000,0000h
AENERGY [39:0]
5.8s
11.5s
23s
TIME – sec
APGAIN = 7FFh
APGAIN = 000h
APGAIN = 800h
Figure 37. Energy Register Rollover Time for Full-Scale
Power (Minimum and Maximum Power Gain)
Note that the energy register contents will roll over to full-scale
negative (80,0000,0000h) and continue increasing in value when
the power or energy flow is positive—see Figure 37. Conversely, if
the power is negative, the energy register would underflow to full-
scale positive (7F, FFFF, FFFFh) and continue decreasing in
value. By using the interrupt enable register, the ADE7759
can be configured to issue an interrupt (
IRQ) when the active
energy register is half-full (positive or negative) or when an
over/underflow occurs.
Integration Time under Steady Load
As mentioned in the last section, the discrete time sample
period (T) for the accumulation register is 1.1
µs (4/CLKIN).
With full-scale sinusoidal signals on the analog inputs, digital
integrator turned off, and the active power gain register set to
000h, the average word value from LPF2 is CCCD—see
Figures 34 and 35. The maximum value that can be stored in
the active energy register before it overflows is 2
39 or
7F,FFFF,FFFFh. Therefore, the integration time under these
conditions is calculated as follows:
Time
F FFFF FFFFh
CCCDh
s
onds
=×
=
7
11
11 53
,,
..
µ
sec
POWER OFFSET CALIBRATION
The ADE7759 also incorporates an active power offset regis-
ter (APOS[15:0]). This is a signed twos complement 16-bit
register that can be used to remove offsets in the active power
calculation—see Figure 36. An offset may exist in the power
calculation due to crosstalk between channels on the PCB or in
the IC itself. The offset calibration will allow the contents of the
active power register to be maintained at zero when no power is
being consumed.
The 256 LSBs (APOS = 0100h) written to the active power
offset register are equivalent to 1 LSB in the waveform sample
register, assuming the average value output from LPF2 to
store in the waveform register is CCCDh (52,429 in decimal)
when inputs on Channels 1 and 2 are both at full scale and
the digital integrator is turned off. At –60 dB down on Chan-
nel 1 (1/1000 of the Channel 1 full-scale input), the average
word value output from LPF2 is 52.429 (52,429/1,000). One
LSB in the waveform register has a measurement error of
1/52.429
× 100% = 1.9% of the average value. The active
power offset register has a resolution equal to 1/256 LSB of
the waveform register, thus the power offset correction reso-
lution is 0.007%/LSB (1.9%/256) at –60 dB. When the digital
integrator is turned on, the resolution of the LSB varies slightly
with the line frequency.
ENERGY-TO-FREQUENCY CONVERSION
ADE7759 also provides energy-to-frequency conversion for
calibration purposes. After initial calibration at manufacturing,
the manufacturer or end customer will often verify the energy
meter calibration. One convenient way to verify the meter cali-
bration is for the manufacturer to provide an output frequency
that is proportional to the energy or active power under steady
SIGN 26
25
24
23
22
21
20
2–1 2–2 2–3 2–4 2–5 2–6 2–7 2–8
15
0
APOS [15:0]
LPF2
20
CURRENT CHANNEL
VOLTAGE CHANNEL
TIME – nT
4
CLKIN
T
WAVEFORM
REGISTER
VALUES
ACTIVE POWER
SIGNAL = P
+
+
+
+
WAVEFORM [24:0]
AENERGY [39:0]
WAVEFORM REGISTER VALUES ARE
ACCUMULATED (INTEGRATED) IN
THE ACTIVE ENERGY REGISTER
23
0
39
0
Figure 36. Energy Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com