Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 28 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE7759_15 Datasheet HTML 24Page - Analog Devices ADE7759_15 Datasheet HTML 25Page - Analog Devices ADE7759_15 Datasheet HTML 26Page - Analog Devices ADE7759_15 Datasheet HTML 27Page - Analog Devices ADE7759_15 Datasheet HTML 28Page - Analog Devices ADE7759_15 Datasheet HTML 29Page - Analog Devices ADE7759_15 Datasheet HTML 30Page - Analog Devices ADE7759_15 Datasheet HTML 31Page - Analog Devices ADE7759_15 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
REV. A
ADE7759
–28–
Table IV. Register List
Address
Name
R/W
No. of Bits Default
Description
01h
WAVEFORM
R
24/40
0h
The Waveform Register is a read-only register. This register con-
tains the sampled waveform data from Channel 1, Channel 2, or the
active power signal. The data source and the length of the waveform
registers are selected by data bits 14 and 13 in the mode register—
see Channel 1 and 2 Sampling section.
02h
AENERGY
R
40
0h
Active Energy Register. Active power is accumulated (Integrated)
over time in this 40-bit, read-only register. The energy register
can hold a minimum of 11.53 seconds of active energy information
with full-scale analog inputs before it overflows—see Energy Calcu-
lation section.
03h
RSTENERGY
R
40
0h
Same as the active energy register except that the register is reset to
0 following a read operation.
04h
STATUS
R
8
40h
Interrupt Status Register. This is an 8-bit read-only register. The
status register contains information regarding the source of
ADE7759 interrupts—see Interrupts section.
05h
RSTSTATUS
R
8
0h
Same as the interrupt status register except that the register con-
tents are reset to 0 (all flags cleared) after a read operation.
06h
MODE
R/W
16
000Ch
Mode Register. This is a 16-bit register through which most of
the ADE7759 functionality is accessed. Signal sample rates, filter
enabling, and calibration modes are selected by writing to this
register. The contents may be read at any time—see Mode Register
section.
07h
CFDEN
R/W
12
3Fh
CF Frequency Divider Denominator Register. The output fre-
quency on the CF pin is adjusted by writing to this 12-bit read/write
register—see Energy-to-Frequency Conversion section.
08h
CH1OS
R/W
8
80h
Channel 1 Offset Adjust. The MSB is used to enable the digital inte-
grator. Bit 6 is not used. Writing to Bits 0 to 5 allows offsets on
Channel 1 to be removed—see Analog Inputs section and CH1OS
Register section.
09h
CH2OS
R/W
6
0h
Channel 2 Offset Adjust. Writing to this 6-bit register allows any offsets
on Channel 2 to be removed—see Analog Inputs section.
0Ah
GAIN
R/W
8
0h
PGA Gain Adjust. This 8-bit register is used to adjust the gain selec-
tion for the PGA in Channel 1 and 2—see Analog Inputs section.
CHECKSUM REGISTER
The ADE7759 has a checksum register (CHKSUM[5:0]) to
ensure that the data bits received in the last serial read operation
are not corrupted. The 6-bit checksum register is reset before
the first bit (MSB of the register to be read) is put on the DOUT
pin. During a serial read operation, when each data bit becomes
available on the rising edge of SCLK, the bit will be added to
the checksum register. In the end of the serial read operation,
the content of the checksum register will be the sum of all the
ones contained in the register previously read. Using the checksum
register, the user can determine if an error has occurred during
the last read operation.
Note that a read to the CHKSUM register will also generate a
checksum of the CHKSUM register itself.
CONTENT OF REGISTER (n-bytes)
CHECKSUM REGISTER
ADDR: 1Eh
+
+
DOUT
Figure 47. Checksum Register for Serial Interface Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com