Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7759_15 Datasheet HTML 15Page - Analog Devices ADE7759_15 Datasheet HTML 16Page - Analog Devices ADE7759_15 Datasheet HTML 17Page - Analog Devices ADE7759_15 Datasheet HTML 18Page - Analog Devices ADE7759_15 Datasheet HTML 19Page - Analog Devices ADE7759_15 Datasheet HTML 20Page - Analog Devices ADE7759_15 Datasheet HTML 21Page - Analog Devices ADE7759_15 Datasheet HTML 22Page - Analog Devices ADE7759_15 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
REV. A
ADE7759
–19–
CHANNEL 2 ADC
Channel 2 Sampling
In Channel 2 waveform sampling mode (MODE[14:13] = 1, 1
and WSMP = 1), the ADC output code scaling for Channel 2 is
the same as Channel 1, i.e., the output swings between D7AE1h
(–165,151) and 2851Fh (+165,151)—see ADC Channel 1
section. However, before being passed to the waveform register,
the ADC output is passed through a single-pole, low-pass filter
with a cutoff frequency of 156 Hz. The plots in Figure 26 show
the magnitude and phase response of this filter.
FREQUENCY – Hz
0
101
–20
–40
–60
–80
102
103
0
–20
60Hz, –0.6dB
60Hz, –21.04
–10
Figure 26. Magnitude and Phase Response of LPF1
The LPF1 has the effect of attenuating the signal. For example,
if the line frequency is 60 Hz, the signal at the output of LPF1
will be attenuated by 7%.
Hf
Hz
Hz
dB
()
.
– .
=
+


==
1
1
60
156
093
0 6
2
Note that LPF1 does not affect the power calculation. The
signal processing chain in Channel 2 is illustrated in Figure 27.
Unlike Channel 1, Channel 2 has only one analog input range
(0.5 V differential). However, like Channel 1, Channel 2 does
have a PGA with gain selections of 1, 2, 4, 8, and 16. For energy
measurement, the output of the ADC is passed directly to the
multiplier and is not filtered. An HPF is not required to remove
any dc offset since it is only required to remove the offset from
one channel to eliminate errors due to offsets in the power cal-
culation. When in waveform sample mode, one of four output
sample rates can be chosen by using Bits 11 and 12 of the
mode register. The available output sample rates are 27.9 kSPS,
14 kSPS, 7 kSPS, or 3.5 kSPS—see Mode Register section. The
interrupt request output
IRQ signals a new sample availability
by going active low. The timing is the same as that for
Channel 1 and is shown in Figure 24.
ADC 2
V1
0V
ANALOG
INPUT RANGE
0.5V, 0.25V, 0.125V,
62.5mV, 31.25mV
REFERENCE
1
20
TO
WAVEFORM
REGISTER
LPF1
–63% TO +63% FS
TO
MULTIPLIER
PGA2
1,
2,
4,
8,
16
{GAIN [7:5]}
V2P
V2N
V2
2.42V
40000h
2851Fh
257F6h
00000h
DA80Ah
D7AE1h
C0000h
LPF OUTPUT
WORD RANGE
+FS
+63% FS
+59% FS
–59% FS
–63% FS
–FS
Figure 27. ADC and Signal Processing in Channel 2
PHASE COMPENSATION
When the HPF is disabled, the phase error between Channel 1 and
Channel 2 is zero from dc to 3.5 kHz. When HPF1 is enabled,
Channel 1 has a phase response illustrated in Figures 29 and 30.
Also shown in Figure 31 is the magnitude response of the filter.
As can be seen from the plots, the phase response is almost zero
from 45 Hz to 1 kHz. This is all that is required in typical energy
measurement applications.
However, despite being internally phase compensated, the
ADE7759 must work with transducers that may have inherent
phase errors. For example, a phase error of 0.1
° to 0.3° is not
uncommon for a CT (Current Transformer). These phase
errors can vary from part to part, and they must be corrected in
order to perform accurate power calculations. The errors associ-
ated with phase mismatch are particularly noticeable at low
power factors. The ADE7759 provides a means of digitally
calibrating these small phase errors. The ADE7759 allows a
small time delay or time advance to be introduced into the signal
processing chain in order to compensate for small phase errors.
Because the compensation is in time, this technique should only be
used for small phase errors in the range of 0.1
° to 0.5°. Correcting
large phase errors using a time shift technique can introduce signifi-
cant phase errors at higher harmonics.
The phase calibration register (PHCAL[7:0]) is a twos comple-
ment signed single-byte register that has values ranging from 9Eh
(–98 in decimal) to 5Ch (92 in decimal). By changing the PHCAL
register, the time delay in the Channel 2 signal path can change
from –110
µs to +103 µs (CLKIN = 3.579545 MHz). One LSB is
equivalent to 1.12
µs time delay or advance. With a line frequency
of 60 Hz, this gives a phase resolution of 0.024
° at the fundamental
(i.e., 360
°× 1.12 µs × 60 Hz). Figure 28 illustrates how the phase
compensation is used to remove a 0.1
° phase lead in Channel 1
due to the external transducer. To cancel the lead (0.1
°) in
Channel 1, a phase lead must also be introduced into Channel 2.
The resolution of the phase adjustment allows the introduction of a
phase lead in increments of 0.024
°. The phase lead is achieved by
introducing a time advance into Channel 2. A time advance of
4.48
µs is made by writing –4 (FCh) to the time delay block, thus
reducing the amount of time delay by 4.48
µs, or equivalently, a
phase lead of approximately 0.1
° at line frequency of 60 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com