Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 24 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE7759_15 Datasheet HTML 20Page - Analog Devices ADE7759_15 Datasheet HTML 21Page - Analog Devices ADE7759_15 Datasheet HTML 22Page - Analog Devices ADE7759_15 Datasheet HTML 23Page - Analog Devices ADE7759_15 Datasheet HTML 24Page - Analog Devices ADE7759_15 Datasheet HTML 25Page - Analog Devices ADE7759_15 Datasheet HTML 26Page - Analog Devices ADE7759_15 Datasheet HTML 27Page - Analog Devices ADE7759_15 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
REV. A
ADE7759
–24–
4 ƒl(1 + 2ƒl /8.9Hz)
VI
–
sin(4 ƒlt)
E(t)
Vlt
Figure 39. Output Frequency Ripple
LINE CYCLE ENERGY ACCUMULATION MODE
In line cycle energy accumulation mode, the energy accumula-
tion of the ADE7759 can be synchronized to the Channel 2 zero
crossing so that active energy can be accumulated over an inte-
gral number of half line cycles. The advantage of summing the
active energy over an integer number of half-line cycles is that
the sinusoidal component in the active energy is reduced to zero.
This eliminates any ripple in the energy calculation. Energy is
calculated more accurately and in a shorter time because the
integration period can be shortened. By using the line cycle
energy accumulation mode, the energy calibration can be greatly
simplified and the time required to calibrate the meter can be sig-
nificantly reduced. The ADE7759 is placed in line cycle energy
accumulation mode by setting Bit 7 (CYCMODE) in the mode
register. In line cycle energy accumulation mode the ADE7759
accumulates the active power signal in the LENERGY register
(Address 14h) for an integral number of half cycles, as shown in
Figure 40. The number of half-line cycles is specified in the
LINECYC register (Address 14h). The ADE7759 can accumu-
late active power for up to 16,383 half cycles. Because the active
power is integrated on an integral number of half-line cycles, at
the end of a line cycle energy accumulation cycle, the CYCEND
flag in the interrupt status register is set (Bit 2). If the CYCEND
enable bit in the interrupt enable register is enabled, the
IRQ
output will also go active low. Thus the
IRQ line can also be
used to signal the completion of the line cycle energy accumula-
tion. Another calibration cycle will start as long as the CYCMODE
bit in the mode register is set. Note that the result of the first
calibration is invalid and should be ignored. The result of all
subsequent line cycle accumulation is correct.
From Equations 5 and 11:
Et
VIdt
VI
ff
Hz
wt dt
nT
ll
nT
()
–
/.
()
= ∫
+
()


∫
00
41 2
8 9
2
cos
(13)
where n is an integer and T is the line cycle period.
Since the sinusoidal component is integrated over an integer
number of line cycles, its value is always zero. Therefore:
Et
VIdt
nT
()
= ∫
+
0
0
(14)
Et
VInT
()
=
(15)
Note that in this mode, the 14-bit LINECYC register can hold a
maximum value of 16,383. In other words, the line cycle
energy accumulation mode can be used to accumulate active
energy for a maximum duration over 16,383 half-line cycles. At
60 Hz line frequency, it translates to a total duration of 16,383/
120 Hz = 136.5 seconds. The 40-bit signed LENERGY register
can overflow if large signals are present at the inputs. The
LENERGY register can only hold up to 11.53 seconds of active
energy when both its input channels are at ac full-scale—see
Integration Time Under Steady Load section. Large LINECYC
content is meant to be used only when the input signal is low
and extensive averaging is required to reduce the noise.
CALIBRATING THE ENERGY METER
Calculating the Average Active Power
When calibrating the ADE7759, the first step is to calibrate the
frequency on CF to some required meter constant, e.g.,
3200 imp/kWh.
To determine the output frequency on CF, the average value of
the active power signal (output of LPF2) must first be deter-
mined. One convenient way to do this is to use the line cycle
energy accumulation mode. When the CYCMODE (Bit 7) bit
in the mode register is set to a Logic 1, energy is accumulated
over an integer number of half-line cycles as described in the
last section. Since the line frequency is fixed at, say, 60 Hz, and
the number of half cycles of integration is specified, the total
integration time is given as:
1
260
×
×
Hz
number of half cycles
SIGN 26
25
24
23
22
21
20
2–1 2–2 2–3 2–4 2–5 2–6 2–7 2–8
15
0
APOS [15:0]
LPF2
+
+
+
+
WAVEFORM [23:0]
LENERGY [39:0]
39
0
23
0
LINECYC [13:0]
ACTIVE POWER
SIGNAL – P
CCCDh
00h
FROM
MULTIPLIER
LPF1
CHANNEL 2
ADC
ZERO CROSS
DETECT
CALIBRATION
CONTROL
Figure 40. Energy Calculation in Line Cycle Energy Accumulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com