Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE7759_15 Datasheet HTML 26Page - Analog Devices ADE7759_15 Datasheet HTML 27Page - Analog Devices ADE7759_15 Datasheet HTML 28Page - Analog Devices ADE7759_15 Datasheet HTML 29Page - Analog Devices ADE7759_15 Datasheet HTML 30Page - Analog Devices ADE7759_15 Datasheet HTML 31Page - Analog Devices ADE7759_15 Datasheet HTML 32Page - Analog Devices ADE7759_15 Datasheet HTML 33Page - Analog Devices ADE7759_15 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
REV. A
ADE7759
–30–
Table V. Communications Register
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
W/
R
00
A4
A3
A2
A1
A0
Bit
Bit
Location
Mnemonic
Description
0 to 4
A0 to A4
The five LSBs of the communications register specify the register for the data transfer opera-
tion. Table III lists the address of each ADE7759 on-chip register.
5 to 6
RESERVED
These bits are unused and should be set to zero.
7W/
R
When this bit is a Logic 1, the data transfer operation immediately following the write to the
Communications register will be interpreted as a write to the ADE7759. When this bit is a
Logic 0, the data transfer operation immediately following the write to the communications
register will be interpreted as a read operation.
REGISTER DESCRIPTIONS
All ADE7759 functionality is accessed via the on-chip registers.
Each register is accessed by first writing to the communications
register and then transferring the register data. A full description
of the serial interface protocol is given in the Serial Interface
section.
Communications Register
The communications register is an 8-bit, write-only register
that controls the serial data transfer between the ADE7759 and
the host processor. All data transfer operations must begin with
a write to the communications register. The data written to the
communications register determines whether the next operation
is a read or a write and which register is being accessed. Table V
outlines the bit designations for the communications register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com