Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7759_15 Datasheet HTML 14Page - Analog Devices ADE7759_15 Datasheet HTML 15Page - Analog Devices ADE7759_15 Datasheet HTML 16Page - Analog Devices ADE7759_15 Datasheet HTML 17Page - Analog Devices ADE7759_15 Datasheet HTML 18Page - Analog Devices ADE7759_15 Datasheet HTML 19Page - Analog Devices ADE7759_15 Datasheet HTML 20Page - Analog Devices ADE7759_15 Datasheet HTML 21Page - Analog Devices ADE7759_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
REV. A
ADE7759
–18–
Channel 1 ADC Gain Adjust
The ADC gain in Channel 1 can be adjusted by using the multi-
plier and active power gain register (APGAIN[11:0]). The gain of
the ADC is adjusted by writing a twos complement 12-bit word
to the active power gain register. Below is the expression that
shows how the gain adjustment is related to the contents of the
active power gain register.
Code
ADC
APGAIN
=×
+


1
2
12
For example, when 7FFh is written to the active power gain
register, the ADC output is scaled up by 50%. 7FFh = 2047
decimal, 2047/2
12 = 0.5. Similarly, 801h = 2047 decimal
(signed twos complement) and ADC output is scaled by –50%.
These two examples are illustrated in Figure 23.
Channel 1 Sampling
The waveform samples may also be routed to the waveform
register (MODE[14:13] = 1, 0) to be read by the system master
(MCU). In waveform sampling mode, the WSMP bit (Bit 3) in
the interrupt enable register must also be set to Logic 1. The
active power and energy calculation will remain uninterrupted
during waveform sampling.
When in waveform sample mode, one of four output sample
rates may be chosen by using Bits 11 and 12 of the mode regis-
ter DTRT(1, 0). The output sample rate may be 27.9 kSPS,
14 kSPS, 7 kSPS, or 3.5 kSPS—see Mode Register section. The
interrupt request output
IRQ signals a new sample availability
by going active low. The timing is shown in Figure 24. The 20-bit
wave form samples are transferred from the ADE7759 one byte
(eight bits) at a time, with the most significant byte shifted out
first. The 20-bit dataword is right justified and sign extended to
24 bits (three bytes)—see Serial Interface section.
READ FROM WAVEFORM
SIGN
CHANNEL 1 DATA
– 20 BITS
SAMPLING RATE (27.9kSPS, 14kSPS, 7kSPS, OR 3.5kSPS)
0
16 s
IRQ
SCLK
DIN
DOUT
00 01 HEX
Figure 24. Waveform Sampling Channel 1
CHANNEL 1 AND CHANNEL 2 WAVEFORM SAMPLING
MODE
In Channel 1 and Channel 2 waveform sampling mode
(MODE[14:13] = 01), the output is a 40-bit waveform sample
data that contains the waveform samples from both Channel 1
and Channel 2 ADCs. Figure 25 shows the format of the 40-bit
waveform output.
CH2[19:16] CH1[19:16]
CH1[15:0]
CH2[15:0]
1 BYTE
2 BYTES
2 BYTES
BIT 39
BIT 0
Figure 25. 40-Bit Combined Channel 1 and Channel 2
Waveform Sample Data Format
∫
DIGITAL
INTEGRATOR*
HPF
ADC 1
REFERENCE
2.42V, 1.21V, 0.6V
V1
0V
ANALOG
INPUT
RANGE
0.5V, 0.25V,
0.125V, 62.5mV,
31.3mV, 15.6mV,
00000h
40000h
C0000h
2851Fh
D7AE1h
+FS
–FS
+63% FS
– 63% FS
ADC OUTPUT
WORD RANGE
00000h
2851Fh
+63% FS
– 63% FS
D7AE1h
+94.5% FS
+31.5% FS
– 31.5% FS
– 94.5% FS
3C7AEh
1428Fh
EBD71h
C3852h
APGAIN[11:0]
000h
7FFh
801h
CHANNEL 1 (ACTIVE POWER)
DATA RANGE
TO MULTIPLIER
TO WAVEFORM
SAMPLE REGISTER
Sinc
3
DIGITAL LPF
00000h
1EF74h
+63% FS
– 63% FS
E108Ch
+94.5% FS
+31.5% FS
– 31.5% FS
– 94.5% FS
2E72Eh
F7BAh
F0846h
D18D2h
APGAIN[11:0]
000h
7FFh
801h
CHANNEL 1 (ACTIVE POWER)
DATA RANGE AFTER
INTEGRATOR (50Hz)
00000h
19CE0h
+63% FS
– 63% FS
E6320h
+94.5% FS
+31.5% FS
– 31.5% FS
– 94.5% FS
26B50h
0CE70h
F3190h
D94B0h
APGAIN[11:0]
000h 7FFh 801h
CHANNEL 1 (ACTIVE POWER)
DATA RANGE AFTER
INTEGRATOR (60Hz)
50Hz
60Hz
V1P
V1N
PGA1
V1
MULTIPLIER
{GAIN[4:3]}
{GAIN[2:0]}
1,
2,
4,
8,
16
801HEX–7FFHEX
APGAIN[11:0]
*WHEN DIGITAL INTEGRATOR IS ENABLED, FULL-SCALE OUTPUT DATA VARIES DEPENDING
ON THE SIGNAL FREQUENCY BECAUSE OF –20dB/DECADE FREQUENCY RESPONSE.
Figure 23. ADC and Signal Processing in Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com