Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 4 Page - Analog Devices

  ADE7759_15 Datasheet HTML 1Page - Analog Devices ADE7759_15 Datasheet HTML 2Page - Analog Devices ADE7759_15 Datasheet HTML 3Page - Analog Devices ADE7759_15 Datasheet HTML 4Page - Analog Devices ADE7759_15 Datasheet HTML 5Page - Analog Devices ADE7759_15 Datasheet HTML 6Page - Analog Devices ADE7759_15 Datasheet HTML 7Page - Analog Devices ADE7759_15 Datasheet HTML 8Page - Analog Devices ADE7759_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
REV. A
–4–
ADE7759–SPECIFICATIONS
Parameter
Spec
Unit
Test Conditions/Comments
REFERENCE INPUT
REFIN/OUT Input Voltage Range
2.6
V max
2.4 V + 8%
2.2
V min
2.4 V – 8%
Input Capacitance
10
pF max
ON-CHIP REFERENCE
Nominal 2.4 V at REFIN/OUT Pin
Reference Error
±200
mV max
Current Source
10
mA max
Output Impedance
4
k
W min
Temperature Coefficient
20
ppm/
∞C typ
CLKIN
Note All Specifications CLKIN of 3.579545 MHz
Input Clock Frequency
4
MHz max
1
MHz min
LOGIC INPUTS
RESET, DIN, SCLK, CLKIN, and CS
Input High Voltage, VINH
2.4
V min
DVDD = 5 V
± 5%
Input Low Voltage, VINL
0.8
V max
DVDD = 5 V
± 5%
Input Current, IIN
±3
mA max
Typically 10 nA, VIN = 0 V to DVDD
Input Capacitance, CIN
10
pF max
LOGIC OUTPUTS
SAG and IRQ
Open Drain Outputs, 10 k
W pull-up resistor
Output High Voltage, VOH
4V min
ISOURCE = 5 mA
Output Low Voltage, VOL
0.4
V max
ISINK = 0.8 mA
ZX and DOUT
Output High Voltage, VOH
4V min
ISOURCE = 5 mA
Output Low Voltage, VOL
0.4
V max
ISINK = 0.8 mA
CF
Output High Voltage, VOH
4V min
ISOURCE = 5 mA
Output Low Voltage, VOL
1V max
ISINK = 7 mA
POWER SUPPLY
For Specified Performance
AVDD
4.75
V min
5 V – 5%
5.25
V max
5 V + 5%
DVDD
4.75
V min
5 V – 5%
5.25
V max
5 V + 5%
AIDD
3
mA max
Typically 2.0 mA
DIDD
4
mA max
Typically 3.0 mA
NOTES
1See Terminology section for explanation of specifications.
2See plots in Typical Performance Characteristics.
3See Analog Inputs section.
Specifications subject to change without notice.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com