Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759 Datasheet(PDF) 20 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE7759_15 Datasheet HTML 16Page - Analog Devices ADE7759_15 Datasheet HTML 17Page - Analog Devices ADE7759_15 Datasheet HTML 18Page - Analog Devices ADE7759_15 Datasheet HTML 19Page - Analog Devices ADE7759_15 Datasheet HTML 20Page - Analog Devices ADE7759_15 Datasheet HTML 21Page - Analog Devices ADE7759_15 Datasheet HTML 22Page - Analog Devices ADE7759_15 Datasheet HTML 23Page - Analog Devices ADE7759_15 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
REV. A
ADE7759
–20–
0
0
1
1
1
1
1
1
70
1
PGA1
V1P
V1N
V1
ADC 1
HPF
20
PGA2
V2P
V2N
V2
ADC 2
DELAY BLOCK
1.12 s/LSB
20
LPF2
V2
V1
60Hz
0.1
V1
V2
CHANNEL 2 DELAY
REDUCED BY 4.48 s
(0.1 LEAD AT 60Hz)
FCH IN PHCAL [7:0]
PHCAL [7:0]
–110 s TO +103 s
60Hz
Figure 28. Phase Calibration
FREQUENCY – Hz
0.30
100
0.25
0.20
0.15
0.10
0.05
0.00
–0.05
–0.10
200
300
400
500
600
700
800
900
1000
Figure 29. Combined Phase Response of the HPF and
Phase Compensation (100 Hz to 1 kHz)
FREQUENCY – Hz
0.30
40
0.25
0.20
0.15
0.10
0.05
0.00
–0.05
–0.10
45
50
55
60
65
70
Figure 30. Combined Phase Response of the HPF and
Phase Compensation (40 Hz to 70 Hz)
FREQUENCY – Hz
0.4
54
56
58
60
62
64
66
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
Figure 31. Combined Gain Response of the HPF and Phase
Compensation (Deviation of Gain in % from Gain at 60 Hz)
ACTIVE POWER CALCULATION
Electrical power is defined as the rate of energy flow from source to
load. It is given by the product of the voltage and current wave-
forms. The resulting waveform is called the instantaneous power
signal, and it is equal to the rate of energy flow at every instant
of time. The unit of power is the watt or joules/second. Equa-
tion 3 gives an expression for the instantaneous power signal in
an ac system.
vt
V
t
()
(
)
= 2
ω
(1)
it
I
t
()
sin(
)
= 2
ω
(2)
where:
V = rms voltage
I = rms current
pt
vt
i t
pt
VI
VI
t
()
()
()
()
–
cos(
)
=×
=
2
ω
(3)
The average power over an integral number of line cycles (n) is
given by the expression in Equation 4.
P
nT
pt dt
VI
nT
==
∫
1
0
()
(4)
where T is the line cycle period. P is referred to as the active or
real power. Note that the active power is equal to the dc compo-
nent of the instantaneous power signal p(t) in Equation 3, i.e.,
VI. This is the relationship used to calculate active power in the
ADE7759. The instantaneous power signal p(t) is generated by
multiplying the current and voltage signals. The dc component
of the instantaneous power signal is then extracted by LPF2 (low-
pass filter) to obtain the active power information. This process
is illustrated in Figure 32. Since LPF2 does not have an ideal
“brick wall” frequency response (see Figure 33), the active power
signal will have some ripple due to the instantaneous power
signal. This ripple is sinusoidal and has a frequency equal to twice
the line frequency. Since the ripple is sinusoidal in nature, it will
be removed when the active power signal is integrated to calcu-
late energy—see Energy Calculation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com