Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2583 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2583
Description  M41T00AUD real-time clock with audio
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2583 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2583 Datasheet HTML 3Page - STMicroelectronics AN2583 Datasheet HTML 4Page - STMicroelectronics AN2583 Datasheet HTML 5Page - STMicroelectronics AN2583 Datasheet HTML 6Page - STMicroelectronics AN2583 Datasheet HTML 7Page - STMicroelectronics AN2583 Datasheet HTML 8Page - STMicroelectronics AN2583 Datasheet HTML 9Page - STMicroelectronics AN2583 Datasheet HTML 10Page - STMicroelectronics AN2583 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AN2583
Audio characteristics
7/18
The required THD specification for the M41T00AUD is less than 2% at 1 kHz and 300 mW.
The voltage formula was used in the measurement for this, and makes for the more difficult
specification since it tends to yield the higher number.
Example: Let V1 = 1 V, V2 = 0.1 V, V3 = 0.08 V, V4 = 0.06 V and V5 = 0.04 V
Thus the voltage formula makes for a more challenging specification.
2.2
Amplifier primer
Several types of amplifiers are possible for fabrication in semiconductor ICs. The following is
a brief overview of the types and their power capabilities.
2.2.1
Simple amplifier
Figure 7 illustrates a simple amplifier circuit. The input section provides any signal
conditioning - gain and offset - necessary for driving the output transistors shown here. The
midpoint voltage, VX, is biased at VDD/2. At its maximum, VX will swing up to VDD – VDSP-min
when Q2 is fully on, and down to VDSN-min when Q1 is fully on.
Figure 7.
Basic single supply amplifier
For the purposes of analysis, we can assume VDSP-min and VDSN-min are small compared to
VDD and thus ignore them here.
With that in mind, the point VX will swing between GND (0 V) and VDD.
For audio applications, it is necessary that the output signal be purely AC. There should be
no DC component in it. The output signal must swing symmetrically about ground.
%
7
.
14
147
.
0
1
0.04
0.06
0.08
0.1
THD
2
2
2
2
2
V
=
=
+
+
+
=
2.16%
0.0216
THD
THD
2
V
P
=
=
=
VDD
VX
VL
VIN
+
VDSP
–
+
VDSN
–
C
RL
+
–
Q2
Q1
GND
GND
ai13933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com