Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2583 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2583
Description  M41T00AUD real-time clock with audio
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2583 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2583 Datasheet HTML 10Page - STMicroelectronics AN2583 Datasheet HTML 11Page - STMicroelectronics AN2583 Datasheet HTML 12Page - STMicroelectronics AN2583 Datasheet HTML 13Page - STMicroelectronics AN2583 Datasheet HTML 14Page - STMicroelectronics AN2583 Datasheet HTML 15Page - STMicroelectronics AN2583 Datasheet HTML 16Page - STMicroelectronics AN2583 Datasheet HTML 17Page - STMicroelectronics AN2583 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Audio characteristics
AN2583
14/18
2.3
Power supply rejection ratio
The PSRR is a measure of how well the device keeps power supply noise out of its output. It
is measured by setting the input to 0 and coupling a 200 mVPP sign wave into VDD.
The output signal is filtered to reject frequencies other than the test signal, in this case 1kHz.
A fast fourier transform engine, or FFT, is helpful in implementing the filter and measuring
the output level.
Since the PSRR is in the range of –55 to –65 dB, the output signal will be on the order of
200 uV. Without the FFT and filtering, the signal will be lost in the noise floor.
Figure 14.
PSRR test setup
The PSRR is calculated as follows using the standard formula for power gain in dB.
PSRR = 20 log ( VOUT / VN )
Example:
If the output is measured as 350 uV, the PSRR will be
PSRR = 20 log ( 350 u / 200 m ) = –55.1 dB
ai13940
VN
Test signal
Scope
and/or
other test
eqpt
VDD + VN
VIN
VOUT
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com