Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2583 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2583
Description  M41T00AUD real-time clock with audio
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2583 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2583 Datasheet HTML 1Page - STMicroelectronics AN2583 Datasheet HTML 2Page - STMicroelectronics AN2583 Datasheet HTML 3Page - STMicroelectronics AN2583 Datasheet HTML 4Page - STMicroelectronics AN2583 Datasheet HTML 5Page - STMicroelectronics AN2583 Datasheet HTML 6Page - STMicroelectronics AN2583 Datasheet HTML 7Page - STMicroelectronics AN2583 Datasheet HTML 8Page - STMicroelectronics AN2583 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Audio characteristics
AN2583
4/18
2
Audio characteristics
Several parameters are used to characterize amplifier circuits. Among them are gain, total
harmonic distortion, power-supply rejection ratio and output power. The following is a brief
primer on these topics.
2.1
Harmonic distortion
Ideally, the output of an audio amplifier is a linear reproduction of its input; the output differs
only in amplitude and is identical in all other respects.
Figure 3.
Ideal and non-ideal waveforms
In reality, several things combine to distort the waveform resulting in the addition of
harmonics in the output, as depicted in Figure 4. The amplifiers are not perfectly linear, so
some reshaping of the waveform will occur. This happens in a symmetric fashion resulting in
the addition of odd harmonics.
The crossover point at which one drive transistor turns on and the other turns off is imperfect
and results in crossover distortion as shown in Figure 3 (exaggerated for effect). This too
adds odd harmonics.
The lack of perfect symmetry in the complementary output transistors will cause the top and
bottom halves of the waveforms to be asymmetric resulting in even harmonics.
The result is that the amplifier output will contain several artifacts not present in the input.
Ideal output is simply a linear scale
of the input.
Asymmetric nature of waveforms
due to imperfect symmetry of
complementary P and N transistors
Reshaping of waveforms due to
non-linear nature of transistors
Crossover distortion because
switchover from P to N channel
drivers does not occur perfectly
0
VDD / 2
VDD
VIN
0
VDD / 2
VDD
VOUT
0
VDD / 2
VDD
VOUT
IDEAL
WITH
DISTORTION
T
f0 =
1
T
ai13929



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com