Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2583 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2583
Description  M41T00AUD real-time clock with audio
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2583 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2583 Datasheet HTML 8Page - STMicroelectronics AN2583 Datasheet HTML 9Page - STMicroelectronics AN2583 Datasheet HTML 10Page - STMicroelectronics AN2583 Datasheet HTML 11Page - STMicroelectronics AN2583 Datasheet HTML 12Page - STMicroelectronics AN2583 Datasheet HTML 13Page - STMicroelectronics AN2583 Datasheet HTML 14Page - STMicroelectronics AN2583 Datasheet HTML 15Page - STMicroelectronics AN2583 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Audio characteristics
AN2583
12/18
At maximum swing, for sinusoidal outputs, VL+ and VL- can be written as
and
The load voltage, VL, is the difference between the two outputs.
Equation 2
Thus, bridging has the effect of doubling the load voltage without adding or changing the
voltage supply. In this example, the two amplifiers bridged together were each single supply
devices, but dual-supply amplifiers such as that in Figure 10 can also be bridged. The result
will be the same - the deliverable load voltage will be double that of using a single amplifier.
2.2.5
Bridged power
For the circuit in Figure 12, the peak value of VL is VDD as shown in Figure 13. The
maximum continuous power is then
This is the same power as for the case of the dual-supply amplifier in Figure 10, and four
times the power of that in Figure 7. By bridging two single-supply amplifiers, four times the
power is available without the added cost of a second power supply. Hence, bridging is an
economical and popular way of increasing amplifier power without expensive power
supplies.
ωt
sin
2
V
)
t
(
V
DD
L
⋅
=
+
+
−
=
⋅
−
=
°
−
⋅
=
L
DD
DD
–
L
V
ωt
sin
2
V
)
180
ωt
sin(
2
V
)
t
(
V
+
+
+
+
=
−
−
=
−
=
L
L
L
–
L
L
L
V
2
)
V
(
V
V
V
V
L
2
DD
L
2
PK
-
L
max
-
AV
-
L
R
2
V
R
2
V
P
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com