Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2583 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2583
Description  M41T00AUD real-time clock with audio
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2583 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2583 Datasheet HTML 1Page - STMicroelectronics AN2583 Datasheet HTML 2Page - STMicroelectronics AN2583 Datasheet HTML 3Page - STMicroelectronics AN2583 Datasheet HTML 4Page - STMicroelectronics AN2583 Datasheet HTML 5Page - STMicroelectronics AN2583 Datasheet HTML 6Page - STMicroelectronics AN2583 Datasheet HTML 7Page - STMicroelectronics AN2583 Datasheet HTML 8Page - STMicroelectronics AN2583 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Typical application
AN2583
2/18
1
Typical application
Figure 1.
M41T00AUD block diagram
AUTOMATIC
BATTERY
SWITCHOVER
& DESELECT
VCC
2
I2C
(SDA,
SCL)
I2C
VDD
32KHz
OSCILLATOR
400kHz I2C
INTERFACE
OSCI
OSCO
uC
M41T00AUD
HOURS
DATE
DAY
MONTH
YEAR
SECS
MINS
CENTURY BITS
CALIBRATION
REFERENCE
VPFD=2.80V
OSCILLATOR
FAIL DETECT
OUT
IRQ/FT/OUT
TRICKLE
CHARGE
VINT
VBACK
VDD
256/512Hz
AUDIO
LPF
ADJ
GAIN
AIN
AOUT+
AOUT–
VSS
VBIAS
WRITE
PROTECT
FBK
Audio-in
ai13927
VDD
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com