Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2583 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2583
Description  M41T00AUD real-time clock with audio
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2583 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2583 Datasheet HTML 9Page - STMicroelectronics AN2583 Datasheet HTML 10Page - STMicroelectronics AN2583 Datasheet HTML 11Page - STMicroelectronics AN2583 Datasheet HTML 12Page - STMicroelectronics AN2583 Datasheet HTML 13Page - STMicroelectronics AN2583 Datasheet HTML 14Page - STMicroelectronics AN2583 Datasheet HTML 15Page - STMicroelectronics AN2583 Datasheet HTML 16Page - STMicroelectronics AN2583 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN2583
Audio characteristics
13/18
2.2.6
Automotive example
An automobile is a great example of the benefits of bridging. The standard supply of 12 V
limits the load voltage unless an expensive DC-DC power supply is added to the system.
For the circuit of Figure 7, with VDD = 12 V and an 8 ohm load, we get
Thus, the maximum continuous power delivered to an 8 ohm speaker would be 2.25 W.
Taking into account the VDS drops in the drive transistors will further lower that. Conversely,
most cars will be operating at a little more than 12 V, usually somewhere in the range 13.6 to
14.4 V, so that tends to offset the VDS drops.
For the circuit of Figure 12, again with 12 V and 8 ohms, the power calculation is
Bridging delivers 9 W, four times the previous case, as expected. And with a 4 ohm speaker,
the load power goes up to 18 W.
For maximum power in the 12 V automotive environment, bridging offers a low cost
alternative to expensive power supplies by increasing the available audio power by a factor
of 4. Combined with 4-ohm speakers, users can achieve outstanding audio performance at
moderate cost.
Similarly, in any environment where the voltage supply options are limited, bridging provides
a significant power improvement for a nominal increase in silicon.
W
25
.
2
64
144
R
8
V
P
L
2
DD
max
-
AV
-
L
=
=
=
W
9
16
144
R
2
V
P
L
2
DD
max
-
AV
-
L
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com