Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2583 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2583
Description  M41T00AUD real-time clock with audio
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2583 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2583 Datasheet HTML 10Page - STMicroelectronics AN2583 Datasheet HTML 11Page - STMicroelectronics AN2583 Datasheet HTML 12Page - STMicroelectronics AN2583 Datasheet HTML 13Page - STMicroelectronics AN2583 Datasheet HTML 14Page - STMicroelectronics AN2583 Datasheet HTML 15Page - STMicroelectronics AN2583 Datasheet HTML 16Page - STMicroelectronics AN2583 Datasheet HTML 17Page - STMicroelectronics AN2583 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
M41T00 audio section specifications
AN2583
16/18
3
M41T00 audio section specifications
In summary, the audio section of the M41T00AUD uses a bridged amplifier output stage
which can deliver 300 mW into an 8 ohm load. The device produces less than 2% total
harmonic distortion at this output level, typically 0.2%.
Signals are summed into the input by connecting multiple, parallel input resistors. For Rin =
20 k and C = 0.1 uF, the input will be attenuated below 80 Hz. The low pass filter after the
input amplifier will attenuate signals above 8 kHz thus forming a band pass of 80 – 8000 Hz.
The end-to-end gain is controlled by the input and feedback resistors along with the
software controlled gain stage. For Rin = 2Rf, software can adjust the gain between –33 and
+12 dB. Lastly, with a PSRR of –55 dB, any noise present on the power supply will be
reduced by at least 55 dB at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com