Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2583 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2583
Description  M41T00AUD real-time clock with audio
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2583 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2583 Datasheet HTML 1Page - STMicroelectronics AN2583 Datasheet HTML 2Page - STMicroelectronics AN2583 Datasheet HTML 3Page - STMicroelectronics AN2583 Datasheet HTML 4Page - STMicroelectronics AN2583 Datasheet HTML 5Page - STMicroelectronics AN2583 Datasheet HTML 6Page - STMicroelectronics AN2583 Datasheet HTML 7Page - STMicroelectronics AN2583 Datasheet HTML 8Page - STMicroelectronics AN2583 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AN2583
Typical application
3/18
The typical AIO application has audio sources in the system micro-controller and in the fax
chipset originating with the phone line. These are summed into the input amplifier which in
turn drives the filter along side the internally generated 256/512 Hz tones (see Figure 2).
Figure 2.
M41T00AUD application example
Input resistors, Rin, along with the feedback resistor, Rf, control the gain into the part. Each
input can be added at a different level by changing its corresponding input resistor thus
allowing signals of varying levels to be normalized.
The input capacitor, C, blocks any DC into the part. Since the M41T00AUD uses a single
supply, its internal mid-point is VDD/2 and not ground. Thus, input signals would need to be
centered at VDD/2 to connect directly. Otherwise, the coupling capacitor is necessary.
Furthermore, it provides an input filter blocking low frequencies. When Rin = 20 k
Ω and C =
0.1 uF, signals below approximately 80 Hz will be attenuated.
After the input amplifier is the low-pass filter with its knee at 8 kHz. With the input capacitor,
these form a band pass filter over the range of 80 Hz to 8 kHz.
Also input to the LPF is the 256/512 Hz signal from the RTC timing chain. Software controls
whether it is passed into the LPF and which of the two frequencies is selected. Software
also controls the gain. A mute bit can be set to shut off all audio and a four-bit GAIN field
controls the digital gain stage selecting between –33 dB and +12 dB of gain in 3 dB steps.
The output is a bridged amplifier capable of sinking/sourcing over 300 mA. For VCC = 3.3 V,
it can readily drive over 300 mW of power into an 8
Ω speaker.
uC
PWM / DAC
TONE
GENERATOR
Fax
Chipset
MODEM
Phone
Line
LPF
ADJ
GAIN
AOUT+
AOUT–
M41T00AUD Audio section
Ri1
Ri2
Rf
RTC Timing
Chain
256/512Hz
C
ai13928



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com