Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2583 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2583
Description  M41T00AUD real-time clock with audio
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2583 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2583 Datasheet HTML 7Page - STMicroelectronics AN2583 Datasheet HTML 8Page - STMicroelectronics AN2583 Datasheet HTML 9Page - STMicroelectronics AN2583 Datasheet HTML 10Page - STMicroelectronics AN2583 Datasheet HTML 11Page - STMicroelectronics AN2583 Datasheet HTML 12Page - STMicroelectronics AN2583 Datasheet HTML 13Page - STMicroelectronics AN2583 Datasheet HTML 14Page - STMicroelectronics AN2583 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN2583
Audio characteristics
11/18
2.2.4
Bridged amplifiers
A bridged amplifier uses two identical amplifiers driven 180° out of phase. The circuit shown
in Figure 12 uses two single supply amplifiers, AX. These would each be comparable to the
amplifier of Figure 7.
The input signal is connected unchanged to the left amplifier and inverted prior to going to
the right amplifier thus making the right one 180° out of phase with the left.
The outputs of the two amps, VL+ and VL–, are each biased at VDD/2. Thus, the quiescent
difference between them is 0 V. Therefore, no DC blocking capacitor is required at the load.
Figure 12.
Bridged amplifiers
Each output can swing between VDD and ground as shown in Figure 13.
Figure 13.
Outputs of bridged amplifier
VIN
RL
VDD
VL
+
–
VL+
VL–
Ax
VDD
Ax
ai13938
0
VDD / 2
VL–
VDD
VL+
0
VDD
VL
VL-PK
VDD
ai13939



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com