Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3399 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3399
Description  L99PM62GXP external voltage regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3399 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3399 Datasheet HTML 2Page - STMicroelectronics AN3399 Datasheet HTML 3Page - STMicroelectronics AN3399 Datasheet HTML 4Page - STMicroelectronics AN3399 Datasheet HTML 5Page - STMicroelectronics AN3399 Datasheet HTML 6Page - STMicroelectronics AN3399 Datasheet HTML 7Page - STMicroelectronics AN3399 Datasheet HTML 8Page - STMicroelectronics AN3399 Datasheet HTML 9Page - STMicroelectronics AN3399 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Voltage regulation circuit schematics
AN3399
6/24
Doc ID 018824 Rev 2
1.2
Regulation with external NPN without current limitation
The Figure 2 is the modified circuit of external voltage regulation circuit with external NPN
transistor.
Figure 2.
Voltage regulation with external NPN
The advantage of this circuit is fewer amounts of external components. However this is
balanced by lower VS operation range in comparison to PNP regulation circuit.
Parameters of circuit at Figure 2 are:
●
Output voltage = 5.0 V
●
Output current from 0 to 1 A – (no limitation)
●
VS operation range from 6 to 18 V (VS is the voltage after reverse polarity protection)
As in previous case the output voltage is possible set by change of R1 and R2 value. In case
of R3 = R4 the U3 is possible express from equation:
U
3
U
5V1
R
4
R
3
R
4
+
---------------------
R
1
R
2
+
R
2
--------------------- V

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com