Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3399 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3399
Description  L99PM62GXP external voltage regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3399 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3399 Datasheet HTML 3Page - STMicroelectronics AN3399 Datasheet HTML 4Page - STMicroelectronics AN3399 Datasheet HTML 5Page - STMicroelectronics AN3399 Datasheet HTML 6Page - STMicroelectronics AN3399 Datasheet HTML 7Page - STMicroelectronics AN3399 Datasheet HTML 8Page - STMicroelectronics AN3399 Datasheet HTML 9Page - STMicroelectronics AN3399 Datasheet HTML 10Page - STMicroelectronics AN3399 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AN3399
Voltage regulation circuit schematics
Doc ID 018824 Rev 2
7/24
1.3
Voltage regulation and current limitation with external PNP
Figure 3.
Voltage regulation and current limitation with external PNP
This circuit is a light modification of circuit from Figure 1, extended for current limitation.
Transistor T2 (BC857) together with resistor R6 limits output current, which is possible
adjust be change or R6 value. The voltage drop at R6 for maximum current should be about
0,65 V.
Parameters of circuit form Figure 3 are following:
●
Output voltage = 5 V
●
Output current limited at 200 mA
●
VS operation range 5.8 V to 18 V (28 V absolute maximum ratings)
The output voltage is possible adjust like in original schematics by change or R1 and R2
resistors without impact to current limitation. For sure the VS operational range (low limit)
corresponds to selected output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com