Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3399 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3399
Description  L99PM62GXP external voltage regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3399 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3399 Datasheet HTML 10Page - STMicroelectronics AN3399 Datasheet HTML 11Page - STMicroelectronics AN3399 Datasheet HTML 12Page - STMicroelectronics AN3399 Datasheet HTML 13Page - STMicroelectronics AN3399 Datasheet HTML 14Page - STMicroelectronics AN3399 Datasheet HTML 15Page - STMicroelectronics AN3399 Datasheet HTML 16Page - STMicroelectronics AN3399 Datasheet HTML 17Page - STMicroelectronics AN3399 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Evaluations of circuit with PNP and current limitation
AN3399
14/24
Doc ID 018824 Rev 2
Figure 11.
V3 switch ON /OFF to shortcut
2.2.2
Load switch ON/OFF
Measurements were done for circuit from Figure 4. As load an electronically controlled load
was used with following preset parameters:
●
R1, R2, R3, R4, R5 = 10 K
●
Device type = Chroma 63103
●
Mode = constant current low
●
Current = 200 mA
●
Slope = 250 mA/µs (falling and rising)
Figure 12.
Load switching
2.2.3
Influence of Ci and C1 on the V3 switch and load variation response
For the circuit from Figure 4 the influence of capacitors Ci and C1 to the regulator switching
ON/OFF response for V3 output open load and 25  load (200 mA @ 5 V) were tested.
The influence to the load regulation by switching ON / OFF load of 200 mA (electronic
controlled load was used for these tests) were also tested.
The capacitors influence was tested on following combinations Ci and C1:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com