Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3399 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN3399
Description  L99PM62GXP external voltage regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3399 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN3399 Datasheet HTML 11Page - STMicroelectronics AN3399 Datasheet HTML 12Page - STMicroelectronics AN3399 Datasheet HTML 13Page - STMicroelectronics AN3399 Datasheet HTML 14Page - STMicroelectronics AN3399 Datasheet HTML 15Page - STMicroelectronics AN3399 Datasheet HTML 16Page - STMicroelectronics AN3399 Datasheet HTML 17Page - STMicroelectronics AN3399 Datasheet HTML 18Page - STMicroelectronics AN3399 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AN3399
Evaluations of circuit with PNP and current limitation
Doc ID 018824 Rev 2
15/24
Figure 13.
Combination n°1 - I3 = 0; I3 = 200 mA
Figure 14.
Combination n°1 - Ci = 0; C1 = 0; load switch ON
Table 3.
Capacitors combinations
Combination
Ci [nF]
C1 [µF]
10
0
21n
0
3
10n
0
4 - default
0
10M
51n
10M
6
10n
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com