Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3399 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3399
Description  L99PM62GXP external voltage regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3399 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3399 Datasheet HTML 7Page - STMicroelectronics AN3399 Datasheet HTML 8Page - STMicroelectronics AN3399 Datasheet HTML 9Page - STMicroelectronics AN3399 Datasheet HTML 10Page - STMicroelectronics AN3399 Datasheet HTML 11Page - STMicroelectronics AN3399 Datasheet HTML 12Page - STMicroelectronics AN3399 Datasheet HTML 13Page - STMicroelectronics AN3399 Datasheet HTML 14Page - STMicroelectronics AN3399 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AN3399
Evaluations of circuit with PNP and current limitation
Doc ID 018824 Rev 2
11/24
Figure 6.
V3 to VS dependence
2.1.3
Load regulation up to 250 mA
Influence of I3 output current on V3 voltage regulation
●
VS = 6, 12, 18V
●
R1, R2, R3, R4, R5 = 10 K
●
I3 range = from 0 to 250 mA (with current limitation on 220 mA)
●
Temperature = 25 °C ambient
Table 2.
V3 to I3 dependence for VS = 6, 12, 18 V
I3[mA]
V3[V] (VS =6V)
V3[V] (VS =12V)
V3[V] (VS = 18V)
0
5,13
5,14
5,14
10
5,13
5,14
5,14
20
5,13
5,14
5,14
50
5,13
5,14
5,14
100
5,13
5,14
5,14
200
5,13
5,13
5,14
210
5,13
5,13
5,14
215
5,13
5,13
5,14
217
4,95
5,13
5,14
218
0,07
5,13
5,14
222
0,07
0,07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com