Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3399 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3399
Description  L99PM62GXP external voltage regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3399 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3399 Datasheet HTML 1Page - STMicroelectronics AN3399 Datasheet HTML 2Page - STMicroelectronics AN3399 Datasheet HTML 3Page - STMicroelectronics AN3399 Datasheet HTML 4Page - STMicroelectronics AN3399 Datasheet HTML 5Page - STMicroelectronics AN3399 Datasheet HTML 6Page - STMicroelectronics AN3399 Datasheet HTML 7Page - STMicroelectronics AN3399 Datasheet HTML 8Page - STMicroelectronics AN3399 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AN3399
Voltage regulation circuit schematics
Doc ID 018824 Rev 2
5/24
1
Voltage regulation circuit schematics
1.1
Regulation with external PNP without current limitation
Figure 1.
Voltage regulation with external PNP
The Figure 1 is an example of recommended circuit for voltage regulation with external
transistor. As a reference voltage source was used 5V1 voltage regulator of L99PM62GXP.
Parameters of circuit at Figure 1 are:
●
Output voltage = 5.0 V
●
Output current from 0 to approx. 1 A (no limitation), for VS +-12 V
●
VS operation range from 5.5 to 18 V; for output current up to 200 mA the theoretical
minimum operational range is from 5.2 V. (VS is the voltage after reverse polarity
protection).
The output voltage is possible set by change of R1 and R2 value. In case of R3 = R4 the U3
is possible express from equation:
Important requirement is to ensure the voltage on OP_- and OP_+ inputs is bellow 3 V.
U
3
U
5V1
R
4
R
3
R
4
+
---------------------
R
1
R
2
+
R
2
--------------------- V

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com