Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3399 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3399
Description  L99PM62GXP external voltage regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3399 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3399 Datasheet HTML 6Page - STMicroelectronics AN3399 Datasheet HTML 7Page - STMicroelectronics AN3399 Datasheet HTML 8Page - STMicroelectronics AN3399 Datasheet HTML 9Page - STMicroelectronics AN3399 Datasheet HTML 10Page - STMicroelectronics AN3399 Datasheet HTML 11Page - STMicroelectronics AN3399 Datasheet HTML 12Page - STMicroelectronics AN3399 Datasheet HTML 13Page - STMicroelectronics AN3399 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Evaluations of circuit with PNP and current limitation
AN3399
10/24
Doc ID 018824 Rev 2
2.1.2
Line regulation 6-18 V
Influence of VS variation on the V3 voltage regulation
●
VS range from 4.8 to 18 V
●
I3 current from 0 to 200 mA
●
R1, R2, R3, R4, R5 = 10 K
●
V2 (measured) = 5.15 V
●
Temperature = 25 °C ambient
Table 1.
V3 to VS dependence
VS[V]
V3[V] (I3 =0 mA)
V3[V] (I3 = 200 mA)
4,80
4,77
4,07
4,90
4,87
4,17
5,00
4,97
4,28
5,10
5,04
4,37
5,20
5,05
4,47
5,30
5,05
4,53
5,40
5,05
4,67
5,50
5,05
4,77
5,80
5,11
5,07
6,00
5,13
5,13
8,00
5,13
5,14
10,00
5,14
5,14
12,00
5,14
5,14
14,00
5,14
5,14
16,00
5,14
5,14
18,00
5,14
5,14
20,00
5,14
5,14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com