Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3399 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3399
Description  L99PM62GXP external voltage regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3399 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3399 Datasheet HTML 5Page - STMicroelectronics AN3399 Datasheet HTML 6Page - STMicroelectronics AN3399 Datasheet HTML 7Page - STMicroelectronics AN3399 Datasheet HTML 8Page - STMicroelectronics AN3399 Datasheet HTML 9Page - STMicroelectronics AN3399 Datasheet HTML 10Page - STMicroelectronics AN3399 Datasheet HTML 11Page - STMicroelectronics AN3399 Datasheet HTML 12Page - STMicroelectronics AN3399 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN3399
Evaluations of circuit with PNP and current limitation
Doc ID 018824 Rev 2
9/24
2
Evaluations of circuit with PNP and current limitation
2.1
Static characteristics
2.1.1
Standby current
The VS current in OFF state was evaluated for the most recommended circuit of voltage
regulation and current limitation with external PNP transistor (see Figure 1).
The 5V2 voltage regulator was switched OFF by SPI in Active Mode Configuration. There
was observed a small current from V3 output caused by residual voltage of 5V2 voltage
regulator.
●
VS =12V
●
IVs =0.279 mA
●
Iop_out =0.052 mA
●
I3 =0.22mA
●
R1, R2, R3, R4, R5 =10K
This current will be significantly decreased by switching the device in V1stby Mode which
turns OFF the operational amplifier (see Figure 5).
Figure 5.
Removing residual current by turning L99PM62GXP in standby mode
Conclusion
A residual current can be observed in the load in case the reference voltage 5V2 is turned
OFF and L99PM62GXP is maintained on active more.
By turning L99PM62GXP in any standby mode (V1stby or Vbatstby), this residual current
will be removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com