Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3399 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3399
Description  L99PM62GXP external voltage regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3399 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3399 Datasheet HTML 16Page - STMicroelectronics AN3399 Datasheet HTML 17Page - STMicroelectronics AN3399 Datasheet HTML 18Page - STMicroelectronics AN3399 Datasheet HTML 19Page - STMicroelectronics AN3399 Datasheet HTML 20Page - STMicroelectronics AN3399 Datasheet HTML 21Page - STMicroelectronics AN3399 Datasheet HTML 22Page - STMicroelectronics AN3399 Datasheet HTML 23Page - STMicroelectronics AN3399 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Evaluations of circuit with PNP and current limitation
AN3399
20/24
Doc ID 018824 Rev 2
2.2.4
VS cranking measurement
Screenshots of behavior in case of VS cranking pulse for various pulse widths are at the next
figures. In case VS reaches level for POR the V2 is switched off and as a consequence V3 is
switched off as well.
Figure 27.
VS cranking (1 ms pulse)
Figure 27 is a screenshot of VS cranking pulse 1 ms width. The VS under-voltage flag was
set in status register, but V2 remains ON.
Figure 28.
VS cranking (pulse 2 ms)
On Figure 28 VS reaches the level of power on reset. V2 was switched OFF and cold start
diagnosis bit was signalized in status registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com