Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN458 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN458 Datasheet HTML 5Page - STMicroelectronics AN458 Datasheet HTML 6Page - STMicroelectronics AN458 Datasheet HTML 7Page - STMicroelectronics AN458 Datasheet HTML 8Page - STMicroelectronics AN458 Datasheet HTML 9Page - STMicroelectronics AN458 Datasheet HTML 10Page - STMicroelectronics AN458 Datasheet HTML 11Page - STMicroelectronics AN458 Datasheet HTML 12Page - STMicroelectronics AN458 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
AN458 APPLICATION NOTE
Figure 11. Powerdip 12+3+3 Pin Connection
POWER SUPPLY
The device has two separate pins dedicated for the supply source. Pin.1 is for the Signal (Vcc) and Pin.3 for the
Power (Vss) source; normally these two pins are connected together (see the typical application circuit Fig. 18).
The L4963 is provided with an internal stabilized power supply that feeds the precise internal voltage reference
5.1V (±2%) and the internal analog blocks.
UNDER VOLTAGE LOCK OUT (UVLO)
The UVLO circuit ensures that Vcc is adequate to make the L4963 fully operational before enabling the output
power stage. The UVLO turn-on and turn-off thresholds are internally fixed at 8.4V and 7.9V respectively.
This function acts also on the Power Fail and Reset Circuits; their output voltages pin.8 and pin.10 respectively,
remain low state until the turn-on threshold is reached.
OSCILLATOR
The oscillator circuit behaves in a completely different way compared to the usual Step-Down regulator operat-
ing at fixed frequency and variable duty cycle. In fact, usually, the oscillator generates a fixed frequency saw-
tooth waveform that is compared with the Error Amplifier output voltage, generating the PWM signal to be sent
to the power output stage.
In the L4963, the oscillator function is quite different. In the following we will describe briefly its operation refer-
ring to the simplified internal schematic shown in fig.12. It is composed of a comparator (with inputs compatible
to ground) with an hysteresis whose thresholds are 1V and 4.1V respectively.
The oscillator uses an external resistor RT on pin.18 to establish the charging and discharging current of the
internal timing capacitor CT = 50pF, fixing in this way the maximum switching frequency:
It is also possible to increase the internal timing capacitor value, connecting an external capacitor between
pin.17 and ground. The oscillator circuit, as we have seen in the "CIRCUIT OPERATION" paragraph, sends a
set pulse to the latch that enables the power stage. This set pulses train is at fixed frequency imposed by the
external resistor when the device operates for low output currents (Dead time present in the inductor current IL).
f
osc KHz
()
0.033
Rt K
()
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com