Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN458 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN458 Datasheet HTML 11Page - STMicroelectronics AN458 Datasheet HTML 12Page - STMicroelectronics AN458 Datasheet HTML 13Page - STMicroelectronics AN458 Datasheet HTML 14Page - STMicroelectronics AN458 Datasheet HTML 15Page - STMicroelectronics AN458 Datasheet HTML 16Page - STMicroelectronics AN458 Datasheet HTML 17Page - STMicroelectronics AN458 Datasheet HTML 18Page - STMicroelectronics AN458 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17/19
AN458 APPLICATION NOTE
value or, better, put in parallel several capacitors in order to reduce the total ESR. The capacitors’ voltage rating
should be at least 1.25 times greater than the given output voltage.
The big advantage of this system is to greatly reduce number of external components compared to the contin-
uous mode solution. The only drawback is a higher ripple voltage on the output that can be up three times larger
than in continuous mode.
A proper choice of low ESR filtering capacitors can solve this problem greatly reducing the output ripple.
4. CATCH DIODE SELECTION:
The catch diode must comply with several requirements and its choice requires special care. The current rating
must be at least 1.2 times greater respect the maximum load current, but this is not enough because in short
circuit conditions, the maximum current limiter threshold is 6A to which correspond an average output current
of Iout = Ipeak/2 = 3A. This is the current requirement to useto choose the right diode.
The reverse voltage rating of the diode should be at least 1.25 times the maximum input voltage. The diode
recovery speed is not so important because the power stage is turned-on only when the inductor is fully dis-
charged and the diode is definitely off. So there is not simultaneous conduction between them.
This allows a reduction of the disturbances with respect to the continuous mode, because they are mainly radi-
ated during the transistor switch on, for the steep slopes during the simultaneous conduction of transistor and
reverse conductiondiode.
LOW COST APPLICATION
If the remote inhibit, the reset and the power fail functions are not used we can reduce further the xternal com-
ponent count. It is possible in this case, to have a very efficientswitch mode power supply for very low cost ap-
plications.
Two examples of minimal component count regulators are shown in fig.21 and fig.22.
Figure 21. A Minimal 5.1 Fixed Regulator – Very Few Components are Required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com