Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN458 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN458 Datasheet HTML 7Page - STMicroelectronics AN458 Datasheet HTML 8Page - STMicroelectronics AN458 Datasheet HTML 9Page - STMicroelectronics AN458 Datasheet HTML 10Page - STMicroelectronics AN458 Datasheet HTML 11Page - STMicroelectronics AN458 Datasheet HTML 12Page - STMicroelectronics AN458 Datasheet HTML 13Page - STMicroelectronics AN458 Datasheet HTML 14Page - STMicroelectronics AN458 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
AN458 APPLICATION NOTE
When the voltage on pin 12 exceeds 5V, the transistor Q1 switches off and the delay capacitor (Cd) starts to
charge through an internal current generator of about 110
µA. When the voltage on pin 9 reaches 4.5V, the out-
put of the comparator (B) switches low and pin 10 goes high.
As the output is an open collector transistor (Q2), a pull-up external resistor is required.
On the contrary, when the Reset input voltage goes below 5V, with an hysteresis of 100mV, the comparator (A)
triggers again and sets istantaneously the voltage on pin 10 low, therefore forcing to saturation the Q1 transistor,
that starts the fast discharge of the delay capacitor.
As shown in the block diagram, the Reset output is low when the UVLO or The INHIBIT signals are present.
Inside the chip there is a digital filter that prevents the Reset circuit activation if Vout drops below the reset
threshold for less than 2s.
In this way the Reset circuit neglects very fast drops in the output voltage. In fig.15 and Fig.16 are shown re-
spectively the Reset circuit Waveforms and a typical application.
Figure 13. Current Limiter
Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com