Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN458 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN458 Datasheet HTML 8Page - STMicroelectronics AN458 Datasheet HTML 9Page - STMicroelectronics AN458 Datasheet HTML 10Page - STMicroelectronics AN458 Datasheet HTML 11Page - STMicroelectronics AN458 Datasheet HTML 12Page - STMicroelectronics AN458 Datasheet HTML 13Page - STMicroelectronics AN458 Datasheet HTML 14Page - STMicroelectronics AN458 Datasheet HTML 15Page - STMicroelectronics AN458 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AN458 APPLICATION NOTE
12/19
Figure 15.
Figure 16.
POWER FAIL
The Power-Fail circuit monitors the supply voltage (VSS) via an internal voltage divider (R1=115KΩ, R2=35KΩ)
as shown in Fig.17. When the supply voltage reaches the typical rising threshold voltage of 22V, set by the in-
ternal voltage divider, the Power Fail comparator output voltage goes low, turning off the output transistor Q1.
This gives an high level on pin.8. As the power Fail output is an open collector transistor (Q1), an external pull-
up resistor is required.
The Power Fail output goes low, giving an alarm signal, when the input voltage decreases reaching the internal
typical Falling threshold voltage level of 18V. It is possible to change the rising and the falling threshold voltages,
connecting a proper external voltage divider on pin.7. In fig. 15 are shown the power fail waveforms.
INHIBIT
The INHIBIT function, available on pin.16, disables the regulator with a TTL logic signal. An high level at this pin
(above 2.2V) switches off the power stage and forces low the output reset. This useful feature, is normally used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com