Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN458 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN458 Datasheet HTML 10Page - STMicroelectronics AN458 Datasheet HTML 11Page - STMicroelectronics AN458 Datasheet HTML 12Page - STMicroelectronics AN458 Datasheet HTML 13Page - STMicroelectronics AN458 Datasheet HTML 14Page - STMicroelectronics AN458 Datasheet HTML 15Page - STMicroelectronics AN458 Datasheet HTML 16Page - STMicroelectronics AN458 Datasheet HTML 17Page - STMicroelectronics AN458 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AN458 APPLICATION NOTE
14/19
PART LIST
Diode: BYW98
Core: L = 40
µH Magnetics 58121-A2MPP 34 Turns 0.9mm (20AWG)
(*) Minimum 100
µF if Vi is a preregulated offline SMPS output or 1000µF if a 50Hz transformer plus rectifiers is used.
Figure 19. Typical Application Circuit
PART LIST
CAPACITORS
C1
1000
µF 50V EKR (*)
C2
2.2
µF 16V
C3, C4, C5
4700
µF 40V EKR
C4
1
µF 50V film
RESISTOR
R1. R3, R4
1K
Ω
R2
51K
Ω
R5, R6
see table
Resistor Values for Standard Output Voltages
Vo
R6
R5
12
4.7K
Ω
6.2K
Ω
15
4.7K
Ω
9.1K
Ω
18
4.7K
Ω
12K
Ω
24
4.7K
Ω
18K
Ω
CAPACITORS
C1
1000
µF 50V EKR (*)
C2
2.2
µF 16V
C3, C4, C5
4700
µF 40V EKR
C4
1
µF 50V film
RESISTOR
R1. R3, R4
1K
Ω
R2
51K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com