Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN458 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN458 Datasheet HTML 11Page - STMicroelectronics AN458 Datasheet HTML 12Page - STMicroelectronics AN458 Datasheet HTML 13Page - STMicroelectronics AN458 Datasheet HTML 14Page - STMicroelectronics AN458 Datasheet HTML 15Page - STMicroelectronics AN458 Datasheet HTML 16Page - STMicroelectronics AN458 Datasheet HTML 17Page - STMicroelectronics AN458 Datasheet HTML 18Page - STMicroelectronics AN458 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AN458 APPLICATION NOTE
16/19
For a Quick calculation of some standard output voltages, the following table is useful:
To obtain Vout = Vref, the pin.12 is directly connected to the output, therefore eliminating both R5 and R6.
2. INDUCTOR SELECTION:
The max. duty cycle is determined by the following formula:
Where: Vce(sat) = 1.5 V
VF = Catch diode forward drop
The maximum inductor value is then calculated:
Where: f(min) 20KHz to be out of the audible range.
In discontinuous mode operation, the inductor current may reach very high peaks (IPeak = 2Iout), so it is important
to verify that the coil will not saturate in overload or short circuit conditions damaging the output power stage
due to the high dI/dt ratio.
Therefore, a correct dimensioning requires a saturation current above the maximum current limit threshold
(I2max - peak = 6A).
3. Output Capacitor Selection:
The output voltage ripple depends on the current ripple in the inductor and on the performance of the output
capacitor at the switching frequency .The minimum value of the output filter capacitor is obtained from:
where: Vripple(p-p) is the amount of ripple voltage desired.
Clearly this formula doesn’t take care of the capacitor Equivalent Series Resistance (ESR) value, that is the
dominant factor to define the output ripple voltage at switching frequencies greater than 20KHz.
So we suggest to use also the following formula:
Where the ESR(max) requirement is not satisfied by the capacitor value given by the first formula, use an higher
Resistor Values for Standard Output Voltages
VO
R6
R5
12
4.7K
Ω
6.2K
Ω
15
4.7K
Ω
9.1K
Ω
18
4.7K
Ω
12K
Ω
24
4.7K
Ω
18K
Ω
D
max
V
out
V
F
+
V
in min
()
V
ce sa t
()
–
V
F
+
-------------------------------------------------------------
=
Lmax
V
in m i n
()
V
ce sat
()
–
V
out
–
2I
out m ax
() f min
()
⋅⋅
----------------------------------------------------------------- Dmax
⋅
=
C
out
I
out m ax
()
4V
ri ppl e p
p
–
() fmin
⋅⋅
--------------------------------------------------------
=
ESR max
()
v
ri ppl e p
p
–
()
2I
out m ax
()
⋅
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com