Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN458 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN458 Datasheet HTML 11Page - STMicroelectronics AN458 Datasheet HTML 12Page - STMicroelectronics AN458 Datasheet HTML 13Page - STMicroelectronics AN458 Datasheet HTML 14Page - STMicroelectronics AN458 Datasheet HTML 15Page - STMicroelectronics AN458 Datasheet HTML 16Page - STMicroelectronics AN458 Datasheet HTML 17Page - STMicroelectronics AN458 Datasheet HTML 18Page - STMicroelectronics AN458 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15/19
AN458 APPLICATION NOTE
Diode: BYW98
Core: L = 40
µH Magnetics 58121-A2MPP 34 Turns 0.9mm (20AWG)
(*) Minimum 100
µF if Vi is a preregulated offline SMPS output or 1000µF if a 50Hz transformer plus rectifiers is used.
Figure 20. P.C. Board and Component Layout of the Circuit of fig. 21 (1:1 scale).
L4963 Step-Down Regulator Design Example
Referring to the complete typical application circuit shown in fig.19, and defined the following conditions:
s
Vout = Regulated output voltage
s
Vin(min)= Minimum input voltage
s
Vin(max) = Maximum input voltage
s
Iout(max) = Maximum load current
s
fmin = Minimum switch freq. in self-oscillating mode.
We calculate the value of the external components.
1. OUTPUT VOLTAGE SETTING:
The output voltage is established by the voltage divider constituted by R5 and R6. To select the right R5 value
use the following formula:
where: Vref = 5.1V
R6 = Is normally set at 4K7
Ω
R5, R6
see table
Resistor Values for Standard Output Voltages
Vo
R6
R5
12
4.7K
Ω
6.2K
Ω
15
4.7K
Ω
9.1K
Ω
18
4.7K
Ω
12K
Ω
24
4.7K
Ω
18K
Ω
CAPACITORS
R5
V
ou t
V
ref
–
()
V
ref
--------------------------------
R6
()
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com