Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN458 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN458 Datasheet HTML 9Page - STMicroelectronics AN458 Datasheet HTML 10Page - STMicroelectronics AN458 Datasheet HTML 11Page - STMicroelectronics AN458 Datasheet HTML 12Page - STMicroelectronics AN458 Datasheet HTML 13Page - STMicroelectronics AN458 Datasheet HTML 14Page - STMicroelectronics AN458 Datasheet HTML 15Page - STMicroelectronics AN458 Datasheet HTML 16Page - STMicroelectronics AN458 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
AN458 APPLICATION NOTE
for supply sequencing and remote control ON-OFF.
THERMAL PROTECTION
The thermal protection function, operates when the junction temperature reaches 150°C; it acts directly on the
power stage, turning it immediately off.
The thermal protection is provided with hysteresis and therefore, after an intervention has occurred, it is neces-
sary to wait for the junction temperature to decrease of about 30°C below the intervention threshold.
APPLICATIONS
The L4963, thanks to the reduced external component count represents a very low cost effective solution in
many applications. In Fig.18 the complete typical application circuit is shown, where all the functions available
on the device are being used.
In fig.19 is shown the same application circuit for reduced filter capacitor count and its PCB. As evident the PCB
dimensions are reduced. Below we will describe the design procedure to follow and some suggestion regarding
the external components to use.
Figure 17.
Figure 18. Test and Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com