Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN458 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 2 Page - STMicroelectronics

  AN458 Datasheet HTML 1Page - STMicroelectronics AN458 Datasheet HTML 2Page - STMicroelectronics AN458 Datasheet HTML 3Page - STMicroelectronics AN458 Datasheet HTML 4Page - STMicroelectronics AN458 Datasheet HTML 5Page - STMicroelectronics AN458 Datasheet HTML 6Page - STMicroelectronics AN458 Datasheet HTML 7Page - STMicroelectronics AN458 Datasheet HTML 8Page - STMicroelectronics AN458 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AN458 APPLICATION NOTE
2/19
Figure 2. Waveforms
The L4963 control loop is shown in the block diagram of fig.1 and the blocks that take part to the regulation loop,
are determined by the system operating conditions.
For a given value of the inductor L (that will be further calculated), if we examine the current across the inductor
( IL ), we can have two different situations that modify the device operation. This two different conditions depend
on the load current value that device has to deliver: changing the load current ( IO ), the current through the
inductor can have one of the shapes shown in fig. 2.
In both the waveforms, the current in the coil goes to zero during the Toff period of the power stage, but in the
case shown in fig. 2A there is a "Dead Time" during which, both the Power stage and the Free-Wheeling diode
are not conducting. The dead-time period ("Toff") increases lowering the load current. The system will start with
a new cycle at the next set pulse coming from the clock.
In this way the system operates in fixed frequency mode, set by the External resistor RT connected between
pin. 17 and ground.
In fixed frequency mode, the current in the inductor reaches the peak value, determined by the load current,
following the law:
(1)
When the output voltage reaches its nominal value, the E/A output resets the power stage and the discharge
period starts.
When the power transistor turns off, the inductor will try to mantain the forward current constant, and the voltage
at pin.2 will fly negative until the diode D is brought into conduction. The current in the inductor L will now con-
tinue to circulate in the same direction as before, decreasing linearly from the peak value to zero following the
law:
(2)
It follows, then, a third period toff" (dead time) during which there is no current neither across the power transis-
tor, nor in the diode D, nor in the inductor L (the inductor runs ’DRY’). This period ceases when the next set
pulse from the clock circuit enables again the power stage repeating the cycle.
I
L
V
in
V
cesat
–
v
out
–
L
----------------------------------------------- t
on
⋅
=
I
L-
I
peak
V
out
V
F
+
L
------------------------- t
off
⋅
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com