Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1606 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1606
Description  This application features the L4981 PFC controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1606 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1606 Datasheet HTML 3Page - STMicroelectronics AN1606 Datasheet HTML 4Page - STMicroelectronics AN1606 Datasheet HTML 5Page - STMicroelectronics AN1606 Datasheet HTML 6Page - STMicroelectronics AN1606 Datasheet HTML 7Page - STMicroelectronics AN1606 Datasheet HTML 8Page - STMicroelectronics AN1606 Datasheet HTML 9Page - STMicroelectronics AN1606 Datasheet HTML 10Page - STMicroelectronics AN1606 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/18
AN1606 APPLICATION NOTE
Figure 7.
It is based on the following consideration: the frequency of the signal of interest (tens of Hz), is much lower than
the switching frequency (tens of kHz). The boost inductor, for the low frequency, behaves like a short circuit.
Since the Powermos's drains are, in turns, close to ground (via the body diode), the resulting equivalent circuit
is shown in fig7b.
The relation between the voltage (from the inductor) and the current that flows in to Iac pin is:
a)
Where:
and
The net introduces one pole at:
The pole must be located at a frequency high enough not to distort the input waveform and at the same time,
low enough to filter the switching frequency.
In this application the equivalent resistance has been choosen
Req.=324-k
Ω that fits well with the current amplifier design.
The resulting R1 is 300k
Ω and R2 is 12kΩ
The pole has been placed a decade before the switching frequency:
Fp = 5kHz
that gives:
b)
In practice, in our test, a standard value of 2.7 nF as ben used.
Input voltage sensing (A), and equivalent circuit (B).
A
CURRENT
MIRROR
R
1
R
1
R
2
C
1
i
ac(t)
v
L(t)
i
ac(t)
R
1
R
1
R
2
C
1
+
B
v
L(t)
Coupled
Inductor
Ys
()
1
Req
-----------
1
1st
+
--------------
⋅
=
Req
R1
2 R2
⋅
+
=
t
R1
2
--------
//R2
C1
⋅
=
fp
1
2
π t
⋅⋅
-----------------
=
C1
1
2
π fp
R1
2
--------
//R2


⋅⋅
⋅
--------------------------------------------------
2.87nF
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com