Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1606 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1606
Description  This application features the L4981 PFC controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1606 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1606 Datasheet HTML 8Page - STMicroelectronics AN1606 Datasheet HTML 9Page - STMicroelectronics AN1606 Datasheet HTML 10Page - STMicroelectronics AN1606 Datasheet HTML 11Page - STMicroelectronics AN1606 Datasheet HTML 12Page - STMicroelectronics AN1606 Datasheet HTML 13Page - STMicroelectronics AN1606 Datasheet HTML 14Page - STMicroelectronics AN1606 Datasheet HTML 15Page - STMicroelectronics AN1606 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AN1606 APPLICATION NOTE
12/18
m)
were f is the input frequency.
Imposing <10Vac the peak of voltage variation over 400Vo, the Co value will results >318
µF; the commercial
value is 330
µF
Power Devices.
The selection of the power devices is dependent upon the topology and the size of the application.
Operating in continuous current mode, fast reverse recovery diodes are needed.
The TURBOSWITCH "STM family", in the 600V voltage range, offers a very good solution for the two boost
diodes, the STTH8R06FP has been chosen.
The insulated TO-220 package makes it easy to assemble the parts on a heat sinke.
Concerning the Powermos requirements, a 500V blocking voltage (Bvdss) is needed, for this application.
The chip selection is more complex. To find the best solution, it must be considered all the parameters that affect
the power dissipation and to compare the results in terms of a cost to benefit ratio. The devices used in the 800W
application (2+2), are the type STY34NB50F.
The four Powermos are efficiently driven without any additional buffer, thanks to the smart characteristics of the
integrated driver.
Figure 10. 800W SCHEMATHIC DIAGRAM.
Co
Po
2
π 2f ∆fo Vo
⋅
⋅⋅ ⋅ ⋅
---------------------------------------------------
=
L4981A/B
4
1
20
8 2
11
6
18
17
12
14
3
9
5
15
16
7
10
19
F
1
C
1
L
1
D
5
D
6
R
9
R
10
C
3
NTC
C
4
R
11
R
12
R
14
R
15
C
5
R
17
C
6
C
7
R
18
C
8
R
19
C
10
R
21
C
12
13
L
2a
L
2b
L
2c
DETAIL for L2
L
2b
L
2c
L
2a
Vcc
Vcc
L
3
Vcc
D
1+D2+D3+D4
R
1
Dz
1
C
2
R
2
D
7
D
8
R
3
R
4
D
9
D
10
R
5
R
6
Q
1
Q
2
Q
3
Q
4
R
7
Q5
D
11
D
12
R
8
D
13
R
13
R
16
R
20
R
22
C
13
R
23
C
14
C
15
C
16
R
24
R
25
R
26
R
27
R
28
R
29
R
30
R
31
R
32
R
33
Input
C
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com