Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1606 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1606
Description  This application features the L4981 PFC controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1606 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1606 Datasheet HTML 1Page - STMicroelectronics AN1606 Datasheet HTML 2Page - STMicroelectronics AN1606 Datasheet HTML 3Page - STMicroelectronics AN1606 Datasheet HTML 4Page - STMicroelectronics AN1606 Datasheet HTML 5Page - STMicroelectronics AN1606 Datasheet HTML 6Page - STMicroelectronics AN1606 Datasheet HTML 7Page - STMicroelectronics AN1606 Datasheet HTML 8Page - STMicroelectronics AN1606 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AN1606 APPLICATION NOTE
4/18
The L4981A/B current loop is designed to handle this negative signal. This type of resistor current sense can
easily be achieve in medium power applications. For high power PFC circuits it is necessary to use a magnetic
current transformer for improved efficiency as shown in Figure 5b.
In the bridgeless PFC configuration since an input rectifier bridge is not used, the current is continuously chang-
ing its direction and the complexity of current sensing with a simple resistor can increase. Also in high power
applications, resistor sensing may dissipate too much power. In these cases, current sensing with a current
transformer is the preferred approach.
A current sense transformer core is typically high permeability ferrite (toroidal or a small core set). The primary
of the transformer is a single turn of wire through the core. The secondary typically consists of 50 to 100 turns.
Figure 5. .
This type of sense transformer cannot operate at low frequency and for this reason it must be connected where
the current is switched at high frequency. The magnetic core must be allowed reset.
This is normally accomplished by using a diode. In order to reproduce the inductor's current in boost topology,
two of magnetic sense sections are needed and the simplified schematic is shown in figure 5b.
When the sense transformer solution is applied in the bridgeless topology, the simple sense as in fig5b, is no
longer valid.
v
s
R
s
IL
Iret.
Fig.5a
Standard Sensing
Inductor
Magnetic sensing for high power
Fig.5b
v
s
R
s
Iret.
IL
Inductor
Lm_p
Rs
1:n
Typical sense transformers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com