Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1606 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1606
Description  This application features the L4981 PFC controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1606 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1606 Datasheet HTML 5Page - STMicroelectronics AN1606 Datasheet HTML 6Page - STMicroelectronics AN1606 Datasheet HTML 7Page - STMicroelectronics AN1606 Datasheet HTML 8Page - STMicroelectronics AN1606 Datasheet HTML 9Page - STMicroelectronics AN1606 Datasheet HTML 10Page - STMicroelectronics AN1606 Datasheet HTML 11Page - STMicroelectronics AN1606 Datasheet HTML 12Page - STMicroelectronics AN1606 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9/18
AN1606 APPLICATION NOTE
To fit this, it has been choosen
For the capacitors, we set 80 dB of attenuation on the fundamental frequency using the commercial values: -
The design places two poles at 3Hz and 14Hz and 80 dB of attenuation at 100Hz.
Practical examples.
The preceeding points of this note have described the topology peculiarity. Remainder of the topics, for PFC
design, are similar to standard P.F.C. boost applications based on L4981A/B (see the related references and
application notes).
Starting from now, we can refer to real design examples.
In fact, in order to verify the efficacy of the described configuration, it have been checked a pair of application's
size. For evaluation porpoise, it has been realized a printed circuit.
Let us beginnes with and 800W P.F.C application.
800W Target:
1 - Wide range input voltage variation 110Vrms to 220Vrms.
2 - Output power 800W.
2 - Output voltage 400Vdc.
A switching frequency of 50 kHz has been chosen as a good compromise between the coil-size and the pow-
erMOS switching losses.
Boost Inductor design.
To design the boost inductor, the parameters under consideration are the percentage current ripple (as low as
possible) and the cost of the bobbin. This portion of the design is the same as for the standard topology.
In this application, in place of a single inductor connected to one of the phases, it has been chosen to split the
inductor into two sections (two windings on the same core) as shown in the connection diagram at fig.9.
R a
998k
Ω
2499
⋅
()
≡
=
R b
150k
Ω
=
Rc
30k
Ω
=





Ca
390nF
=
Cb
470nF
=





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com