Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1606 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1606
Description  This application features the L4981 PFC controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1606 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1606 Datasheet HTML 1Page - STMicroelectronics AN1606 Datasheet HTML 2Page - STMicroelectronics AN1606 Datasheet HTML 3Page - STMicroelectronics AN1606 Datasheet HTML 4Page - STMicroelectronics AN1606 Datasheet HTML 5Page - STMicroelectronics AN1606 Datasheet HTML 6Page - STMicroelectronics AN1606 Datasheet HTML 7Page - STMicroelectronics AN1606 Datasheet HTML 8Page - STMicroelectronics AN1606 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
AN1606 APPLICATION NOTE
The circuitry is more complex than in the boost case because here we have two pair of PowerMOS (M1, M2)
and diodes (D1, D2) alternating.
It is necessary to sense the chopping current of the (PowerMOS + diode) section and to sum the signals to be
applied to Rs.
The sensing of the diode's current can be simply done by placing a magnetic sensor at the common cathode
(L2 in fig.6.). Only one of the two diodes operates each half input cycle.
Figure 6.
For the PowerMOSFET portion of the circuit, the complexity increases because during the half cycle when one
of the PowerMOSFETs is chopping, the other one has to handle the current flowing back to the mains.
Using the configuration of sensors as shown in Figure 6 it is possible to solve the problem without undue com-
plexity. The unnecessary high frequency portion of the current signal is cancelled because of the method M1 is
connected to L1A as shown in Figure 6b. The problem due to the change of polarity during each half cycle is
solved by using a center tapped secondary and two rectifiers.
Since the coupling of the two windings must not permit the demagnetization of L1, an auxiliary transistor Q1 is
used that opens the circuit during the off-time. For the L4981 controller, the off-time is guaranteed not to be less
than 5% of the period. Q1 can be a small signal transistor because its switched current is low due to the fact
that the transformer secondary will have a large number of turns.
To realize the current sensing transformer, a high permeability toroidal core (ur=>5000) has been used. The
secondary has 50 turns as a compromise to reduce secondary current yet not require a large number of turns.
L2
v
s
i
in
L
O
A
D
R
s
M
1
M2
controller
Q1
D
1
D
2
L1
Structure of sense transformers
L2
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com