Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1606 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1606
Description  This application features the L4981 PFC controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1606 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1606 Datasheet HTML 1Page - STMicroelectronics AN1606 Datasheet HTML 2Page - STMicroelectronics AN1606 Datasheet HTML 3Page - STMicroelectronics AN1606 Datasheet HTML 4Page - STMicroelectronics AN1606 Datasheet HTML 5Page - STMicroelectronics AN1606 Datasheet HTML 6Page - STMicroelectronics AN1606 Datasheet HTML 7Page - STMicroelectronics AN1606 Datasheet HTML 8Page - STMicroelectronics AN1606 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
AN1606 APPLICATION NOTE
The circuit shown from a functional point of view is similar to the common boost converter. In the traditional to-
pology current flows through two of the bridge diodes in series. In the bridgeless PFC configuration, current
flows through only one diode with the PowerMOS providing the return path.
To analyze the circuit operation, it is necessary to separate it into two sections. The first section operates as the
boost stage and the second section operates as the return path for the AC input signal.
Referring to Figure 4, the left side (Figure 4a) shows current flow during the positive half cycle and the right side
(Figure 4b) shows current flow during the negative half cycle
Figure 4.
Positive "HALF Cycle."
When the AC input voltage goes positive, the gate of M1 is driven high and current flows from the input through
the inductor, storing energy. When M1 turns off, energy in the inductor is released as current flows through D1,
through the load and returns through the body diode of M2 back to the input mains. See Figure 4A
During the-off time, the current throw the inductor L (that during this time discharges its energy), flows in to the
boost diode D1 and close the circuit through the load.
Negative "HALF Cycle".
During the negative half cycle circuit operation is mirrored as shown in Figure 4B. M2 turns on, current flows
through the inductor, storing energy. When M2 turns off, energy is released as current flows through D2, through
the load and back to the mains through the body diode of M1.
Note that the two PowerMOSFETs are driven synchronously. It doesn't matter whether the sections are per-
forming as an active boost or as a path for the current to return. In either case there is benefit of lower power
dissipation when current flows through the PowerMOSFETs during the return phase.
Current Sensing.
The PFC function requires controlling the current drawn from the mains and shaping it like the input voltage
waveform. To accomplish this it is necessary to sense the current and feed its signal to the control circuit.
In average current conventional boost topology, we sense the rectified current rather than the AC input current.
This can be achieved by a simple sensing resistor in the return of the current to the bridge, as shown in Figure5a.
in
v
L
O
A
D
controller
L
0
v
1
M
2
M
1
D
2
D
Positive half cycle
Fig4a
C
H
O
P
P
E
R
return
L
O
A
D
in
v
controller
L
0
v
1
M
2
M
1
D
2
D
Negative half cycle
Fig4b
C
H
O
P
P
E
R
return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com