Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1606 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1606
Description  This application features the L4981 PFC controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1606 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1606 Datasheet HTML 7Page - STMicroelectronics AN1606 Datasheet HTML 8Page - STMicroelectronics AN1606 Datasheet HTML 9Page - STMicroelectronics AN1606 Datasheet HTML 10Page - STMicroelectronics AN1606 Datasheet HTML 11Page - STMicroelectronics AN1606 Datasheet HTML 12Page - STMicroelectronics AN1606 Datasheet HTML 13Page - STMicroelectronics AN1606 Datasheet HTML 14Page - STMicroelectronics AN1606 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
AN1606 APPLICATION NOTE
The coil requirements can be met using a gapped core set type E66/33/27, characterized with the following key
parameters:
Ae = 550mm^3;
lcore = 146mm;
m_core = >1600;
Vcore = 80.4*10^3mm^3
The air gap needed to avoid saturation and optimize the coil size is equal to lap = 3mm.
Using the parameters in the formula g).
Vcore>67.5mm^3
This result confirms the core is well above the minimum size.
The used formula for the number of turnes, needed to design the total required inductance L, is:
h)
The resulting N=38, in our solution, has been realized with 19 turns +19 turns.
In order to minimize the high frequency losses, the winding has been made using the "multiple wire" approach.
It is possible to estimate the losses for a low frequency current.
Imposing a maximum power value to be dissipated in the copper (Pcu = 5W)
i)
Using the formula for multiple wires: -
l)
Were:
In practice 20 wires were used, each having a diameter d=0.4 mm.
Output Capacitor filter.
For the bulk capacitor selection, we consider a reasonable 100Hz voltage ripple.
N
L
µ
0
------
l core
,
µ
r core
A
⋅
,
-----------------------------
1gap
A
π
4
---
1gap
⋅
+


2
---------------------------------------------
+
⋅
=
P
wi r e
R
DC
I
RM S m ax
,
2
5W
<
⋅
=
R
DC
P
wire
I
RM S m ax
,
2
-------------------------
60m
Ω
=
<
R
DC
ρ
Cu
l
tu rn
N
⋅
π
4
---
d
2
M
⋅⋅
-----------------------
60m
Ω
<
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com