Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1606 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1606
Description  This application features the L4981 PFC controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1606 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1606 Datasheet HTML 10Page - STMicroelectronics AN1606 Datasheet HTML 11Page - STMicroelectronics AN1606 Datasheet HTML 12Page - STMicroelectronics AN1606 Datasheet HTML 13Page - STMicroelectronics AN1606 Datasheet HTML 14Page - STMicroelectronics AN1606 Datasheet HTML 15Page - STMicroelectronics AN1606 Datasheet HTML 16Page - STMicroelectronics AN1606 Datasheet HTML 17Page - STMicroelectronics AN1606 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AN1606 APPLICATION NOTE
14/18
Boost Inductor design.
The boost inductor has been design as been previously described .
For the 600W application, the nominal current ripple has been set around 22%, gives requires the inductance
value L=440
µH.
The inductor requirements can be met using the core set type E55/28/21, characterized with the following key
parameters:
A = 357mm^2;
lcore = 123mm;
m_core =>1600;
Vcore = 43.7mm^3
The needed air gap is: lap=2.5mm.
Using the relation g), Vcore>38.8mm^3
The result confirms that the core is good enough.
Using the relation h), the resulting N=42.
For the 600W, the coil has been realized with 21 turns +21 turns.
For minimize the high frequency losses, the "multiple wire" solution has been used.
Imposing the copper losses (Pcu = 3.8W), it has been used 14 wires having a diameter d = 0.4 mm each.
Output Capacitor.
For the selection of CO, the relation as been described in (m). The commercial value = 330µF/450V used for
the 800W application is still good for the 600W application.
Power Devices.
For the two boost diodes, as for the 800W application, the STTH8R06FP has been used.
Concerning the Powermos, the devices used in the 600W version application are two STW26NM50F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com