Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1606 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1606
Description  This application features the L4981 PFC controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1606 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1606 Datasheet HTML 10Page - STMicroelectronics AN1606 Datasheet HTML 11Page - STMicroelectronics AN1606 Datasheet HTML 12Page - STMicroelectronics AN1606 Datasheet HTML 13Page - STMicroelectronics AN1606 Datasheet HTML 14Page - STMicroelectronics AN1606 Datasheet HTML 15Page - STMicroelectronics AN1606 Datasheet HTML 16Page - STMicroelectronics AN1606 Datasheet HTML 17Page - STMicroelectronics AN1606 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17/18
AN1606 APPLICATION NOTE
Evaluation results for the 800W version.
Evaluation results for the 600W version.
References: -
a) Parsad N. Enjeti, R. Martinez "A high performance single phase AC to DC rectifier with input power factor
correction" IEEE APEC'93
b) Alexandre Ferrari de Souza and Ivo Barbi "A new ZVS Semi resonant High Power Factor Rectifier with Re-
duced Conduction Losses"
IEE TRANSACTIONS ON INDUSTRIAL ELECTRONICS, VOL.46, NO.1 FEBRUARY 1999.
c) STM Application Notes AN628; AN824.
STMicroelectronics @ www.st.com, http://ccd.sgp.st.com/stonline/books/index.htm
@Vin=110Vac: Nominal power
Vout
Pout
Pin
PF
TDH
Efficiency
395VDC
800W
860W
0.999
4
94%
@Vin=220Vac: Nominal power
395VDC
800W
824W
0.997
8
97%
@Vin=110Vac: Nominal power
Vout
Pout
Pin
PF
TDH
Efficiency
395VDC
652W
700W
0.998
6.7
93%
@Vin=220Vac: Nominal power
395VDC
652W
624W
0.994
9
96.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com